Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3312SAAVPBF Datasheet(PDF) 9 Page - Analog Devices

Part # LTC3312SAAVPBF
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SAAVPBF Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC3312SAAVPBF Datasheet HTML 5Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 6Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 7Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 8Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 9Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 10Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 11Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 12Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC3312SA
9
Rev. 0
For more information www.analog.com
Start-Up Waveforms
Forced Continuous Mode
Start-Up Waveforms
Pulse-Skipping Mode
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up Waveforms
Burst Mode Operation
Load Transient Response,
Forced Continuous Mode
Load Transient Response,
Pulse-Skipping Mode
Load Transient Response,
Burst Mode Operation
2-Phase Configuration
Load Transient Response,
Forced Continuous Mode
2-Phase Configuration
Load Transient Response,
Pulse-Skipping Mode
2-Phase Configuration
Load Transient Response,
Burst Mode Operation
Force Continuous Mode
Start–Up Waveforms
3.3V TO 1.2V, 2MHz TYPICAL APPLICATION
RLOAD = 120Ω
250µs/DIV
EN
1V/DIV
VOUT
1V/DIV
PGOOD
1.5V/DIV
IL
1A/DIV
3312SA G37
Pulse Skip Mode
Start–Up Waveforms
3.3V TO 1.2V, 2MHz TYPICAL APPLICATION
RLOAD = 120Ω
250µs/DIV
EN
1V/DIV
VOUT
1V/DIV
PGOOD
1.5V/DIV
IL
500mA/DIV
3312SA G38
Burst Mode Operation
Start–Up Waveforms
3.3V TO 1.2V, 2MHz TYPICAL APPLICATION
RLOAD = 120Ω
250µs/DIV
EN
1V/DIV
VOUT
1V/DIV
PGOOD
1.5V/DIV
IL
1A/DIV
3312SA G39
Force Continuous Mode
Load Transient Response,
3.3V TO 1.2V, 2MHz TYPICAL APPLICATION
COUT = 66µF, L = 220nH
LOAD STEP: 0.1A TO 4.5A IN 1µs
10µs/DIV
VOUT
50mV/DIV
ILOAD
2.5A/DIV
IL
2A/DIV
3312SA G40
3.3V TO 1.2V, 2MHz TYPICAL APPLICATION
COUT = 66µF, L = 220nH
LOAD STEP: 0.1A TO 4.5A IN 1µs
10µs/DIV
VOUT
50mV/DIV
ILOAD
2.5A/DIV
IL
2A/DIV
3312AS G41
Burst Mode
Load Transient Response,
3.3V TO 1.2V, 2MHz TYPICAL APPLICATION
COUT = 66µF, L = 220nH
LOAD STEP: 0.1A TO 4.5A IN 1µs
10µs/DIV
VOUT
50mV/DIV
ILOAD
2.5A/DIV
IL
2A/DIV
3312SA G42
Force Continuous Mode
Load Transient Response,
2–Phase Configuration
3.3V TO 1.0V, 2MHz 2-PHASE APPLICATION
COUT = 47µF ×6, L = 150nH
LOAD STEP: 0.1A TO 9A IN 1µs
10µs/DIV
VOUT
50mV/DIV
ILOAD
10A/DIV
IL1
5A/DIV
IL2
5A/DIV
3312SA G43
Pulse Skip Mode
Load Transient Response,
2–Phase Configuration
3.3V TO 1.0V, 2MHz 2-PHASE APPLICATION
COUT = 47µF ×6, L = 150nH
LOAD STEP: 0.1A TO 9A IN 1µs
10µs/DIV
VOUT
50mV/DIV
ILOAD
10A/DIV
IL1
5A/DIV
IL2
5A/DIV
3312SA G44
Burst Mode
Load Transient Response,
2–Phase Configuration
3.3V TO 1.0V, 2MHz 2-PHASE APPLICATION
COUT = 47µF ×6, L = 150nH
LOAD STEP: 0.1A TO 9A IN 1µs
10µs/DIV
VOUT
50mV/DIV
ILOAD
10A/DIV
IL1
5A/DIV
IL2
5A/DIV
3312SA G45
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com