Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3312SAAVPBF Datasheet(PDF) 7 Page - Analog Devices

Part # LTC3312SAAVPBF
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SAAVPBF Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC3312SAAVPBF Datasheet HTML 3Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 4Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 5Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 6Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 7Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 8Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 9Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 10Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC3312SA
7
Rev. 0
For more information www.analog.com
UV, OV PGOOD Thresholds
VOUT Load Regulation for the
VOUT = 1.2V Application
Forced Continuous Mode
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT Line Regulation for the
VOUT = 1.2V Application
Forced Continuous Mode
SSTT Current vs Temperature
SSTT Voltage vs Temperature
Efficiency, VIN = 3.3V,
VOUT = 1.2V, All Modes
Efficiency, VIN = 2.5V,
Burst Mode Operation
Efficiency, VIN = 3.3V,
Burst Mode Operation
Efficiency, VIN = 5.0V,
Burst Mode Operation
UV, VOUT RISING
UV, VOUT FALLING
OV, VOUT RISING
OV, VOUT FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
94
96
98
100
102
104
106
108
110
112
114
UV, OV PGOOD Thresholds
3312SA G19
VIN = 2.5V
VIN = 3.3V
VIN = 5V
ILOAD (A)
0
1
2
4
5
6
1.196
1.197
1.198
1.199
1.200
1.201
1.202
1.203
1.204
Forced Continuous Mode
VOUT = 1.2V Application
VOUT Load Regulation in
3312SA G20
ILOAD = 0A
ILOAD = 1A
ILOAD = 3A
ILOAD = 6A
INPUT VOLTAGE (V)
2.5
3
3.5
4
4.5
5
5.5
1.196
1.197
1.198
1.199
1.200
1.201
1.202
1.203
1.204
Forced Continuous Mode
VOUT = 1.2V Application
VOUT Line Regulation in
3312SA G21
VIN = 2.5V
VIN = 3.3V
VIN = 5V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
3.50
3.55
3.60
3.65
3.70
3.75
3.80
3.85
3.90
3.95
4.00
SSTT Current vs Temperature
3312SA G22
VIN = 2.5V
VIN = 3.3V
VIN = 5V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0.60
0.80
1.00
1.20
1.40
1.60
1.80
SSTT Voltage vs Temperature
3312SA G23
fSW = 2MHz
TDK TFM252012ALMAR22MTAA
FC MODE
Burst Mode OPERATION
PULSE-SKIP
ILOAD (A)
0.001
0.01
0.1
1
6
0
10
20
30
40
50
60
70
80
90
100
VOUT = 1.2V, All Modes
3312SA G24
fSW = 2MHz, COILCRAFT XEL3515-221
VOUT = 0.5V
VOUT = 0.75V
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.8V
ILOAD (A)
0.001
0.01
0.1
1
6
50
55
60
65
70
75
80
85
90
95
100
Burst Mode Operation
3312SA G25
fSW = 2MHz, COILCRAFT XEL3515-221
VOUT = 0.5V
VOUT = 0.75V
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.8V
ILOAD (A)
0.001
0.01
0.1
1
6
50
55
60
65
70
75
80
85
90
95
100
Burst Mode Operation
3312SA G26
fSW = 2MHz, COILCRAFT XEL3515-221
VOUT = 0.5V
VOUT = 0.75V
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.8V
ILOAD (A)
0.001
0.01
0.1
1
6
50
55
60
65
70
75
80
85
90
95
100
Burst Mode Operation
3312SA G27
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com