Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3312SAAVPBF Datasheet(PDF) 1 Page - Analog Devices

Part # LTC3312SAAVPBF
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SAAVPBF Datasheet(HTML) 1 Page - Analog Devices

  LTC3312SAAVPBF Datasheet HTML 1Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 2Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 3Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 4Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 5Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 6Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 7Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 8Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC3312SA
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
5V, Dual 6A/Dual-Phase 12A
Step-Down DC/DC Regulator
The LTC®3312SA features dual monolithic synchronous
6A step-down converters in a 4mm × 3mm package
for space saving applications with demanding perfor-
mance requirements. Using a constant frequency, peak
current mode architecture at switching frequencies up
to 3MHz, both bucks achieve high efficiency and fast
transient response with small external components. The
LTC3312SA can also be configured as a single output,
2-phase 12A step-down converter.
The LTC3312SA operates in forced continuous or pulse-
skipping mode for low noise, or in Burst Mode operation
for high efficiency at light loads. The common switching
frequency is set to a default 2MHz, programmed with an
external resistor, or synchronized to an external oscillator
via the MODE/SYNC pin. To reduce input ripple current,
the dual converters switch 180 degrees out of phase.
With an input range of 2.25V to 5.5V the LTC3312SA regu-
lates to outputs as low as 500mV. Other features include
precision enable thresholds, PGOOD signals, output over-
voltage protection, thermal shutdown, and output short cir-
cuit protection. Programmable soft-start and a temperature
monitor output are also included. The device is available in
a low profile 22-lead 4mm × 3mm × 0.95mm LQFN package
with exposed pad for low thermal resistance.
Dual 2MHz 6A Buck Regulators
Efficiency and Power Loss in
Burst Mode Operation
APPLICATIONS
n
Dual 6A Outputs
n
Configurable as Single Output, 2-Phase 12A Buck
n
High Efficiency: 12mΩ High-Side and 8mΩ Low-Side
n
±1% Maximum Total DC Output Error
n
Wide Bandwidth, Fast Transient Response
n
Internal Input Capacitors Reduce EMI
n
VIN Range: 2.25V to 5.5V
n
VOUT Range: 0.5V to VIN
n
Programmable Frequency to 3MHz
n
Low Ripple Burst Mode® Operation with Low IQ
n
Shutdown Current: 1.4µA
n
35ns Minimum On-Time
n
Internal Compensation
n
Precision Enable, Power Good for Power Sequencing
n
Tracking, Programmable Soft-Start, Temp Monitor Output
n
Thermally Enhanced, 22-Lead 4mm × 3mm ×
0.95mm LQFN package
n
AEC-Q100 Qualified for Automotive Applications
n
Servers, Telecom Power Supplies, Optical Networking
n
Distributed DC Power Systems (POL)
n
FPGA, ASIC, µP Core Supplies
n
Industrial/Automotive/Communications
All registered trademarks and trademarks are the property of their respective owners.
VIN = 3.3V
VOUT = 1.2V
fSW = 2MHz
TDK TFM252012ALMAR22MTAA
EFFICIENCY
POWER LOSS
LOAD CURRENT (A)
0.001
0.01
0.1
1
6
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
10
3312SA TA01b
VIN
2.25 TO 5.5V
10F
1F
10F
PVIN2
EN2
MODE/SYNC
SSTT2
SSTT1
RT
AVIN
EN1
PVIN1
LTC3312SA
SW1
FB1
PGOOD1
PGOOD2
SW2
FB2
PGND
3312SA TA01
AGND
10pF
330nH
10pF
220nH
140k
100k
47F
×2
VOUT1
1.2V, 6A
VOUT2
1.8V, 6A
107k
41.2k
47F
×2


Similar Part No. - LTC3312SAAVPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC3312SA AD-LTC3312SA Datasheet
2Mb / 26P
5V, Dual 4A/Dual-Phase 8A Step-Down DC/DC Regulator in 2.2mm × 2.7mm WLCSP
Rev. 0
More results

Similar Description - LTC3312SAAVPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Intersil Corporation
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
Monolithic 6A DC/DC Step-Down Regulator
logo
Linear Technology
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
logo
Semtech Corporation
SC197 SEMTECH-SC197 Datasheet
1Mb / 20P
3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
logo
Linear Technology
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
Dual High-Current Step-Down DC-DC and Dual Linear Regulator
logo
Intersil Corporation
ISL8203M INTERSIL-ISL8203M Datasheet
1Mb / 18P
Dual 3A/Single 6A Step-Down DC/DC Power Module
logo
Renesas Technology Corp
EL7566 RENESAS-EL7566 Datasheet
751Kb / 14P
Monolithic 6A DC/DC Step-Down Regulator
ISL8203M RENESAS-ISL8203M Datasheet
1Mb / 18P
Dual 3A/Single 6A Step-Down DC/DC Power Module
logo
Analog Devices
LTC3314A AD-LTC3314A Datasheet
2Mb / 26P
5V, Dual 4A/Dual-Phase 8A Step-Down DC/DC Regulator in 2.2mm × 2.7mm WLCSP
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com