Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3312SAAVPBF Datasheet(PDF) 16 Page - Analog Devices

Part # LTC3312SAAVPBF
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SAAVPBF Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC3312SAAVPBF Datasheet HTML 12Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 13Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 14Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 15Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 16Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 17Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 18Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 19Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC3312SA
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Output Voltage and Feedback Network
The output voltage of the buck switching regulators is
programmed by a resistor divider between the output
and the FB pin. Choose the resistor values according to
Equation 1.
RA =RB
VOUT
500mV
– 1
⎛
⎝
⎜
⎞
⎠
⎟
(1)
as shown in Figure 1:
COUT
CFF
RA
VOUT
FB
3312SA F01
BUCK
SWITCHING
REGULATOR
(OPTIONAL)
+
RB
Figure 1. Feedback Components
Typical values for RB range from 40k to 400k. 0.1% resis-
tors are recommended to maintain output voltage accu-
racy. The buck regulator transient response may improve
with an optional phase lead capacitor CFF that helps cancel
the pole created by the feedback resistors and the input
capacitance of the FB pin. Experimentation with capaci-
tor values between 2pF and 40pF may improve transient
response. The values used in the typical application cir-
cuits are a good starting point.
Operating Frequency Selection and Trade-Offs
Selection of the operating frequency is a trade-off between
efficiency, component size, transient response and input
voltage range.
The advantage of high frequency operation is that smaller
inductor and capacitor values may be used. Higher
switching frequencies allow for higher control loop
bandwidth and, therefore, faster transient response. The
disadvantages of higher switching frequencies are lower
efficiency, because of increased switching losses, and a
smaller input voltage range, because of minimum switch
on-time limitations.
The minimum on-time of the buck regulators imposes
a minimum operating duty-cycle. The highest switching
frequency (fSW(MAX)) for a given application can be cal-
culated with Equation 2.
fSW MAX
(
) =
VOUT
tON MIN
( ) •PVIN(MAX)
(2)
where PVIN(MAX) is the maximum input voltage, VOUT
is the output voltage, and tON(MIN) is the minimum top
switch on-time. This equation shows that a slower switch-
ing frequency might be necessary to accommodate a high
VIN/VOUT ratio.
The LTC3312SA is capable of a maximum duty-cycle of
98%. Therefore, the VIN-to-VOUT dropout is limited by
0.98 times the input supply, the RDS(ON) of the top switch,
the inductor DCR, and the load current.
Setting the Switching Frequency
The LTC3312SA uses a constant frequency peak current
mode control architecture. There are three methods to set
the switching frequency.
The first method, connecting the RT pin to VIN, sets the
switching frequency to the internal default with a nominal
value of 2MHz.
The second method is with a resistor (RT) tied from the RT
pin to ground. The frequency can be programmed from
1MHz to 3MHz. Table 1 and Equation 3 show the neces-
sary RT value for a desired switching frequency:
RT =
73.4
fSW
−1.9
(3)
where RT is in kΩ and fSW is the desired switching fre-
quency in MHz, ranging from 1MHz to 3MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com