Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3312SAAVPBF Datasheet(PDF) 10 Page - Analog Devices

Part # LTC3312SAAVPBF
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SAAVPBF Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC3312SAAVPBF Datasheet HTML 6Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 7Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 8Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 9Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 10Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 11Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 12Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 13Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC3312SA
10
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
SSTT1 (Pin 1) : Soft-Start, Tracking, Temperature Monitor
Input for Buck Regulator 1. An internal 4µA current into
an external capacitor on the soft-start pin programs the
output voltage ramp rate during start-up. When SSTT1 is
below 0.5V, the FB1 pin voltage will track the SSTT1 pin
voltage. When SSTT1 is above 0.5V, the tracking function
is disabled, the internal reference resumes control of the
error amplifier and the SSTT1 pin servos to a voltage
proportional to junction temperature. For a clean recov-
ery from an output short circuit condition, the SSTT1
pin is pulled down to approximately 100mV above the
VFB voltage and a new soft-start cycle is initiated. During
shutdown and fault conditions, the SSTT1 pin is pulled to
ground. Short the SSTT1 pin to AVIN to use an internally
set default soft-start time of 1ms (typical).
FB1 (Pin 2): Feedback Input for Buck Regulator 1.
Program the output voltage of Buck 1 by connecting this
pin to the middle node of a resistor divider between the
output and ground. The FB1 pin is regulated to 500mV. A
phase lead capacitor connected between VOUT1 and FB1
may be used to optimize transient response.
EN1 (Pin 3): Active High Enable Input for Buck Regulator 1.
The EN1 pin has a precision threshold. An external resistor
divider from VIN, or from another supply, can be used to
program when Buck Regulator 1 is enabled. If the enable
function is not required, tie EN1 directly to AVIN. The EN1
pin should not be floated.
PGOOD1 (Pin 4): Power Good (Open-Drain) Output for
Buck Regulator 1. When the regulated output voltage
is outside the power-good voltage window, and PVIN is
above 2.25V, this pin is driven LOW. The PGOOD1 output
is also pulled low when PVIN is above 2.25V and Buck
Regulator 1 is in shutdown.
SW1 (Pins 5, 6): Switch Node for Buck Regulator 1.
Connect an external inductor to this pin.
PVIN1 (Pins 7, 8): Input Supply for Buck Regulator 1.
Supplies gate drive circuits and inductor current when
the high side turns on. Bypass PVIN1 to PGND with a
separate low ESR capacitor close to the pins. PVIN1 and
PVIN2 should be shorted externally. Use separate capaci-
tors to PGND for PVIN1 and PVIN2 to prevent interaction
between the buck regulators. There is an internal 20Ω
resistor from PVIN1 to AVIN to help create a filtered supply
for the internal control circuits.
PGND (Pins 9,10, 23): The PGND pins are the return path
of the internal bottom side power switches. Connect the
PGND pins together and to the exposed pad. Connect
the negative terminal of the input capacitors as close to
the PGND pins as possible. The PGND node is the main
thermal highway and should be connected to a large PCB
ground plane with many large vias.
PVIN2 (Pins 11, 12): Input Supply for Buck Regulator 2.
Supplies gate drive circuits and inductor current when
the high side turns on. Bypass PVIN2 to PGND with a
separate low ESR capacitor close to the pins. PVIN1 and
PVIN2 should be shorted externally. Use separate capaci-
tors to PGND for PVIN1 and PVIN2 to prevent interaction
between the buck regulators. There is an internal 20Ω
resistor from PVIN2 to AVIN to help create a filtered supply
for the internal control circuits.
SW2 (Pins 13,14): Switch Node for Buck Regulator 2.
Connect an external inductor to this pin.
MODE/SYNC (Pin 15): Mode Selection and External Clock
Synchronization Input. Ground this pin to enable pulse-
skipping mode. Tie this pin to AVIN to enable Burst Mode
operation for higher efficiency at light loads. Float this
pin to enable forced continuous mode for fast transient
response and full frequency operation over a wide load
range. Drive MODE/SYNC with an external clock to syn-
chronize both switchers to the applied frequency. The
slope compensation is automatically adapted to the exter-
nal clock frequency. In the absence of an external clock,
the RT pin controls the switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com