Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3312SAAVPBF Datasheet(PDF) 8 Page - Analog Devices

Part # LTC3312SAAVPBF
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SAAVPBF Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC3312SAAVPBF Datasheet HTML 4Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 5Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 6Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 7Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 8Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 9Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 10Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 11Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC3312SA
8
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
2-Phase Die Temperature vs Load
3.3VIN to 1.0VOUT, fSW = 2MHz,
Forced Continuous Mode
2-Phase Efficiency vs Load,
2.5V to 1.0V, fSW = 2MHz
2-Phase Efficiency vs Load,
3.3V to 1.0V, fSW = 2MHz
2-Phase Efficiency vs Load,
5.0V to 1.0V, fSW = 2MHz
2-Phase Efficiency, VIN = 2.5V
Burst Mode Operation
2-Phase Efficiency, VIN = 3.3V
Burst Mode Operation
2-Phase Efficiency, VIN = 5.0V
Burst Mode Operation
Efficiency vs fSW
3.3V to 1.2V, ILOAD = 3A
Efficiency vs VIN
VOUT = 1.2V, fSW = 2MHz
COILCRAFT XEL3515-221
6A (CONTINUOUS)
0.1A (BURST)
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
83
84
85
86
87
88
89
90
91
92
93
VOUT = 1.2V, fSW = 2MHz
Efficiency vs VIN
3312SA G29
L = 150nH
85°C
45°C
25°C
LOAD CURRENT (A)
0
2
4
6
8
10
12
0
20
40
60
80
100
120
Forced Continuous Mode
3.3VIN to 1.0VOUT, fs = 2MHz,
2–Phase Die Temperature vs Load
3312SA G30
fSW = 2MHz, COILCRAFT XEL3515-151
BURST
PULSE-SKIP
FC
ILOAD (A)
0.001
0.01
0.1
1
10 20
0
10
20
30
40
50
60
70
80
90
100
2.5V to 1.0V, fSW = 2MHz
3312SA G31
fSW = 2MHz, COILCRAFT XEL3515-151
BURST
PULSE-SKIP
FC
ILOAD (A)
0.001
0.01
0.1
1
10 20
0
10
20
30
40
50
60
70
80
90
100
3.3V to 1.0V, fSW = 2MHz
3312SA G32
fSW = 2MHz, COILCRAFT XEL3515-151
BURST
PULSE-SKIP
FC
ILOAD (A)
0.001
0.01
0.1
1
10 20
0
10
20
30
40
50
60
70
80
90
100
5.0V to 1.0V, fSW = 2MHz
3312SA G33
fSW = 2MHz, COILCRAFT XEL3515-151
VOUT = 0.5V
VOUT = 0.75V
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.8V
ILOAD (A)
0.001
0.01
0.1
1
10
20
30
40
50
60
70
80
90
100
Burst Mode Operation
3312SA G34
fSW = 2MHz, COILCRAFT XEL3515-151
VOUT = 0.5V
VOUT = 0.75V
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.8V
ILOAD (A)
0.001
0.01
0.1
1
10
20
30
40
50
60
70
80
90
100
Burst Mode Operation
3312SA G35
fSW = 2MHz, COILCRAFT XEL3515-151
VOUT = 0.5V
VOUT = 0.75V
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.8V
ILOAD (A)
0.001
0.01
0.1
1
10
20
30
40
50
60
70
80
90
100
Burst Mode Operation
3312SA G36
TA = 25°C, unless otherwise noted.
COILCRFAT XEL3515 SERIES
L = 150nH
L = 220nH
L = 350nH
SWITCHING FREQUENCY (MHz)
1
1.4
1.8
2.2
2.6
3.0
88
89
90
91
92
93
94
3312SA G28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com