Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3312SAAVPBF Datasheet(PDF) 19 Page - Analog Devices

Part # LTC3312SAAVPBF
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SAAVPBF Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC3312SAAVPBF Datasheet HTML 15Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 16Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 17Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 18Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 19Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 20Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 21Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 22Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTC3312SA
19
Rev. 0
For more information www.analog.com
Input Capacitors
Bypass the input of the LTC3312SA with at least two
ceramic capacitors close to the part, one near each PVIN
pin. Connect the ground of each capacitor to a wide PCB
trace on the top layer of the PCB that connects pins 9
and 10 with the exposed pad. These capacitors should
be 0603 or 0805 in size. Smaller 0201 capacitors can
also be placed as close as possible from PVIN1 to PGND,
and from PVIN2 to PGND to reduce input noise with
minimal increase in application footprint. See the PCB
Layout Considerations section for more detail. X7R or
X5R capacitors are recommended for best performance
across temperature and input voltage variations (see
Table 3). Note that larger input capacitance is required
when a lower switching frequency is used. If the input
power source has high impedance, or there is significant
inductance due to long wires or cables, additional bulk
capacitance may be necessary. This can be provided with
an electrolytic capacitor.
A ceramic input capacitor combined with trace or cable
inductance forms a high quality (underdamped) tank cir-
cuit. If the LTC3312SA circuit is plugged into a live sup-
ply, the input voltage can ring to twice its nominal value,
possibly exceeding the LTC3312SA’s voltage rating. This
situation is easily avoided (see Application Note AN88).
Table 3. Ceramic Capacitor Manufacturers
VENDOR
URL
AVX
www.avxcorp.com
Murata
www.murata.com
TDK
www.tdk.com
Taiyo Yuden
www.t-yuden.com
Samsung
www.samsungsem.com
Wurth Elektronik
www.we-online.com
Output Capacitor, Output Ripple and Transient
Response
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated by
the LTC3312SA to produce the DC output. In this role it
determines the output ripple; thus, low impedance at the
switching frequency is important. The second function
is to store energy in order to satisfy transient loads and
stabilize the LTC3312SA’s control loop.
The LTC3312SA is internally compensated and has been
designed to operate at a high bandwidth for fast transient
response capability. The selection of COUT will affect the
bandwidth of the system, but the transient response is
also affected by VOUT, VIN, fSW, and other factors. A good
place to start is with the output capacitor value given by
Equation 8.
COUT = 20 •
IMAX
fSW
0.5
VOUT
(8)
where COUT is the recommended output capacitor value in µF,
fSW is the switching frequency in MHz, IMAX = 6A per phase
is the rated output current in Amps, and VOUT is in volts.
A lower value of output capacitor can be used to save
space and cost, but transient performance will suffer and
loop stability must be verified.
Ceramic capacitors have very low equivalent series
resistance (ESR) and provide the best output ripple and
transient performance. Use X5R or X7R ceramic capaci-
tors (see Table 3). Even better output ripple and transient
performance can be achieved by using low-ESL reverse
geometry or three-terminal ceramic capacitors.
During a load step, the output capacitor must instanta-
neously supply the current to support the load until the
feedback loop increases the switch current enough to
support the load. The time required for the feedback loop
to respond is dependent on the compensation compo-
nents and the output capacitor size. Typically, 3 to 4 cycles
are required to respond to a load step, but only in the first
cycle does the output drop linearly. Although affected by
VOUT, VIN, fSW, tON(MIN), the equivalent series inductance
(ESL) of the output capacitor, and other factors, the output
droop, VDROOP, is usually about 3 times the linear drop of
the first cycle (Equation 9).
VDROOP =
3 • ∆IOUT
COUT • fSW
(9)
Transient performance and control loop stability can be
improved with a higher COUT and/or the addition of a
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com