Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3312SAAVPBF Datasheet(PDF) 14 Page - Analog Devices

Part # LTC3312SAAVPBF
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SAAVPBF Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC3312SAAVPBF Datasheet HTML 10Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 11Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 12Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 13Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 14Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 15Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 16Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 17Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC3312SA
14
Rev. 0
For more information www.analog.com
PVIN1 and PVIN2 are not connected internally and should
be externally shorted to a single input supply. Each PVIN
pin should have its own input bypass capacitor to PGND.
Mode Selection
The buck switching regulators operate in three different
modes set by the MODE/SYNC pin: pulse-skipping mode
(when the MODE/SYNC pin is set low), forced continu-
ous mode (when the MODE/SYNC pin is floating), and
Burst Mode (when the MODE/SYNC pin is set high). The
MODE/SYNC pin sets the operating mode for both buck
switching regulators.
In pulse-skipping mode, the oscillator operates continu-
ously, and positive SW transitions are aligned to the clock.
Negative inductor current is disallowed, and switch pulses
are skipped for light loads to regulate the output voltage.
In forced continuous mode, the oscillator operates con-
tinuously. The top switch turns on every cycle and regu-
lation is maintained by allowing the inductor current to
reverse at light load. This mode allows the buck to run
at a fixed frequency with minimal output ripple. In forced
continuous mode, if the inductor current reaches 4A (typi-
cal) into the SW pin, the bottom switch will turn off for
the remainder of the cycle to limit the current.
In Burst Mode operation at light loads, the output capaci-
tor is charged to a voltage slightly higher than its regu-
lation point. The regulator then goes into a sleep state,
during which time the output capacitor provides the
load current. In sleep, most of the regulator’s circuitry is
powered down, helping conserve input power. When the
output voltage drops below its programmed value, the
circuitry is powered on and another burst cycle begins.
The sleep time decreases as load current increases. In
Burst Mode operation, the regulator will burst at light
loads whereas at higher loads it will operate in constant
frequency PWM mode.
Synchronizing the Oscillator to an External Clock
The LTC3312SA’s internal oscillator is synchronized
through an internal PLL circuit to an external frequency
by applying a square wave clock signal to the MODE/
SYNC pin. During synchronization, the Buck 1 top power
switch turn-on is locked to the rising edge of the external
frequency source. The Buck 2 top switch turn-on will be
180 degrees out of phase with respect to Buck 1. While
synchronizing, the buck switching regulators operate
in forced continuous mode. The slope compensation is
automatically adapted to the external clock frequency. The
synchronization frequency range is 1MHz to 3MHz.
After detecting an external clock on the first rising edge
of the MODE/SYNC pin, the internal PLL gradually adjusts
its operating frequency to match the frequency and phase
of the signal on the MODE/SYNC pin. When the external
clock is removed, the LTC3312SA will detect the absence
of the external clock within approximately 10μs. During
this time, the PLL will continue to provide clock cycles.
Once the external clock removal has been detected, the
oscillator will gradually adjust its operating frequency to
the one programmed by the RT pin.
Output Power Good
Both buck switching regulators have an external open-
drain PGOOD pin, that operates independently of the
other. When a buck output voltage is within the –2/+10%
(typical) window of the nominal regulation voltage, the
output is considered good. The corresponding open-drain
PGOOD pin goes high impedance and is typically pulled
high with an external resistor. Otherwise, an internal pull-
down device will pull the corresponding PGOOD pin low.
Each PGOOD pin is also pulled low during the following
fault conditions: the corresponding buck EN pin is low, VIN
is too low, or thermal shutdown. To filter noise and short
duration output voltage transients, the lower thresholds
have a hysteresis of 1.1% (typical), the upper thresholds
have a hysteresis of 2.2% (typical), and transitions of the
PGOOD pins have a built-in time delay, typically 100µs.
Output Overvoltage Protection
If there is an output overvoltage event, which occurs when
the FB pin voltage is greater than 110% of nominal, the
buck regulator top power switch will be turned off. If the
output remains out of regulation for more than 100µs, the
PGOOD pin will be pulled low.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com