Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3312SAAVPBF Datasheet(PDF) 12 Page - Analog Devices

Part # LTC3312SAAVPBF
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SAAVPBF Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC3312SAAVPBF Datasheet HTML 8Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 9Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 10Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 11Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 12Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 13Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 14Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 15Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTC3312SA
12
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
+
–
+
–
+
–
+
+
–
+
+
–
+
3
1
15
21
19
18
22
+
–
+
+
–
+
–
VIN
CIN1
L1
VOUT1
COUT1
RA1
CFF1
RB1
FB1
PGOOD1
9, 10, 23
PGND
AGND
SW1
5, 6
PVIN1
7, 8
D1
PVIN1
EN
VC (BUCK1)
VC (BUCK2)
SWITCH
LOGIC
Q
S
CLK
R
EN_BUCK1
SLOPE
COMP
0.49V
FAULT1
0.55V
VREF
GM
0.4V
EN1
SSTT1
CSS1
RT
RT
EN_BUCK1
EN_BUCK2
MODE/SYNC
CLK
EN
INTERNAL
REFERENCE
PVIN2
0.55V
AVIN
20
20
0.5V
0.49V
OSCILLATOR
PVIN1
FAULT1
VTEMP
BUCK1
BUCK2
+
–
+
–
+
–
+
–
VIN
CIN2
L2
VOUT2
COUT2
RA2
CFF2
RB2
FB2
3312SA BD
PGOOD2
9, 10, 23
PGND
SW2
13, 14
PVIN2
11, 12
D2
PVIN2
EN
SWITCH
LOGIC
Q
S
CLK
R
EN_BUCK2
SLOPE
COMP
0.49V
FAULT2
0.55V
VREF
GM
0.4V
EN2
SSTT2
CSS2
FAULT2
4µA
VTEMP
16
17
4
2
20
4µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com