Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3312SAAVPBF Datasheet(PDF) 17 Page - Analog Devices

Part # LTC3312SAAVPBF
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SAAVPBF Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC3312SAAVPBF Datasheet HTML 13Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 14Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 15Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 16Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 17Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 18Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 19Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 20Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTC3312SA
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 1. RT Value vs Switching Frequency
fSW (MHz)
RT (kΩ)
1.0
71.5
1.2
59.0
1.4
51.1
1.6
44.2
1.8
39.2
2.0
34.8
2.2
31.6
2.4
28.7
2.6
26.1
2.8
24.3
3.0
22.6
The third method to set the switching frequency is by syn-
chronizing the internal PLL circuit to an external square
wave clock applied to the MODE/SYNC pin. The synchro-
nization frequency range is 1MHz to 3MHz. The square
wave amplitude should have valleys that are below 0.4V
and peaks above 1.2V. High and low pulse widths should
both be at least 40ns.
Inductor Selection and Maximum Output Current
Considerations in choosing an inductor are inductance,
RMS current rating, saturation current rating, DCR, and
core loss.
Select the inductor value based on Equation 4 and
Equation 5.
L
≈
VOUT
1.8A
•fSW
• 1−
VOUT
PVIN(MAX)
⎛
⎝
⎜
⎞
⎠
⎟  for 
VOUT
PVIN(MAX)
≤0.5 (4)
L
≈
0.25
•PVIN(MAX)
1.8A
•fSW
 for 
VOUT
PVIN(MAX)
>0.5
(5)
where fSW is the switching frequency and PVIN(MAX) is the
maximum input voltage.
To avoid overheating of the inductor choose an inductor
with an RMS current rating that is greater than the maxi-
mum expected output load of the application. Overload
and short circuit conditions may need to be taken
into consideration.
In addition, ensure that the saturation current rating (typi-
cally labeled ISAT) of the inductor is higher than the maxi-
mum expected load current plus half the inductor ripple
current (Equation 6).
ISAT >ILOAD MAX
(
) +
1
2
∆IL
(6)
where ILOAD(MAX) is the maximum output load current for
a given application and ΔIL is the inductor ripple current
calculated by Equation 7.
∆IL =
VOUT
L • fSW
• 1–
VOUT
VIN
⎛
⎝
⎜
⎞
⎠
⎟
(7)
A more conservative choice would be to use an inductor
with an ISAT rating higher than the maximum current limit
of the LTC3312SA.
To keep the efficiency high, choose an inductor with the
lowest series resistance (DCR). The core material should
be intended for high frequency applications. Table 2 shows
recommended inductors from several manufacturers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com