Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3312SAAVPBF Datasheet(PDF) 28 Page - Analog Devices

Part # LTC3312SAAVPBF
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SAAVPBF Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC3312SAAVPBF Datasheet HTML 20Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 21Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 22Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 23Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 24Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 25Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 26Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 27Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC3312SA
28
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2022
02/22
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC3309A/
LTC3309B
5V, 6A Synchronous Step-Down Silent
Switcher
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 6A at Switching
Frequencies Up to 3MHz/10MHz, Silent Switcher Architecture for Ultralow EMI Emissions,
2.25V to 5.5V Input Operating Range, 0.5V to VIN Output Voltage Range with ±1%
Accuracy, PGOOD Indication, RT Programming, SYNC Input, 2mm × 2mm LQFN
LTC3315A/
LTC3315B
Dual 5V, 2A Synchronous Step-Down
DC/DCs
Dual Monolithic Synchronous Step-Down Voltage Regulators Each Capable of Supplying
2A at Switching Frequencies Up to 3MHz/10MHz, 2.25V to 5.5V Input Operating Range,
0.5V to VIN Output Voltage Range with ±1% Accuracy, PGOOD Indication, SYNC Input,
2mm × 2mm LQFN
LTC3310/
LTC3310S
LTC3311/
LTC3311S
5V, 10A/12.5A Synchronous Step-Down
Silent Switcher/Silent Switcher
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 10A/12.5A at Switching
Frequencies Up to 5MHz, Silent Switcher Architecture for Ultralow EMI Emissions, 2.25V
to 5.5V Input Operating Range, 0.5V to VIN Output Voltage Range with ±1% Accuracy,
PGOOD Indication, RT Programming, SYNC Input, Configurable for Paralleling Power
Stages, 3mm × 3mm LQFN
LTC3308A/
LTC3308B
5V, 4A Synchronous Step-Down Silent
Switcher
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 4A at Switching
Frequencies Up to 3MHz/10MHz, Silent Switcher Architecture for Ultralow EMI Emissions,
2.25V to 5.5V Input Operating Range, 0.5V to VIN Output Voltage Range with ±1%
Accuracy, PGOOD Indication, RT Programming, SYNC Input, 2mm × 2mm LQFN
LTC3307A/
LTC3307B
5V, 3A Synchronous Step-Down Silent
Switcher
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 3A at Switching
Frequencies Up to 3MHz/10MHz, Silent Switcher Architecture for Ultralow EMI Emissions,
2.25V to 5.5V Input Operating Range, 0.5V to VIN Output Voltage Range with ±1%
Accuracy, PGOOD Indication, RT Programming, SYNC Input, 2mm × 2mm LQFN
LTC3616
5.5V, 6A, 4MHz, Synchronous Step-
Down Regulator
95% Efficiency, VIN: 2.25 to 5.5V, VOUT(MIN) = 0.8V, IQ = 64µA, ISD < 1µA, 4mm × 4mm
QFN-16 Package
VIN
3.0V TO 5.5V
10F
10F
1.3M
200k
1F
SSTT1
RT
MODE/SYNC
EN2
FB2
SSTT2
PVIN2
AVIN
EN1
PVIN1
LTC3312SA
SW1
FB1
AGND
PGOOD1
PGOOD2
NC
SW2
3312SA TA08
PGND
150nH
150nH
15pF
200k
200k
47F
×4
VOUT
1.0V, 12A
VOUT
1M
Single Output 2-Phase, 1.0V, 2MHz, 12A, UVLO = 3.0V, Burst Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com