Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3312SAAVPBF Datasheet(PDF) 22 Page - Analog Devices

Part # LTC3312SAAVPBF
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SAAVPBF Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC3312SAAVPBF Datasheet HTML 18Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 19Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 20Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 21Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 22Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 23Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 24Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 25Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC3312SA
22
Rev. 0
For more information www.analog.com
and follow the recommendations below to ensure proper
operation. See Figure 5 for a recommended PCB layout.
3312SA F05
GND PLANE ON LAYER 2
GND
GND
VOUT2
VOUT1
COUT1
COUT2
CIN1
CIN2
CFF1
CFF2
RB1
L1
L2
RA1
RA2 RB2
CVIN
RT
VIN
Figure 5. Recommended PCB Layout
1. Connect the exposed pad of the package (Pin 23)
directly to a large, unbroken ground plane under the
application circuit on the layer closest to the surface
layer to minimize thermal and electrical impedance.
Additionally, short the exposed pad to pins 9 and 10 on
the top layer. See the Analog Devices Application Note,
Application Notes for Thermally Enhanced Leaded
Plastic Packages for the proper size and layout of the
thermal vias and solder stencils.
2. The PVIN1 (Pins 7, 8) and PVIN2 (Pins 11, 12) input
supply pins should have local decoupling capacitors
with the ground side of the capacitors connected on
the top layer to the ground plane close to pin 9 and
pin 10. These capacitors provide the AC current to
the internal power MOSFETs and their drivers. Large,
switched currents flow in these capacitors and it is
important to minimize inductance from these capaci-
tors by choosing a small case size, such as 0603, and
placing them close to the pins on the top side of the
board. To further minimize inductance and input noise,
smaller 0201 capacitors can be placed in parallel, also
as close as possible to the pins, from PVIN1 to PGND
and from PVIN2 to PGND.
3. Place both regulator inductors on the same side of the
board as the LTC3312SA. The switching power traces
connecting SW1 and SW2 to their inductors should be
minimized to reduce radiated EMI and parasitic cou-
pling. Due to the large voltage swing on the switching
nodes, high impedance sensitive nodes, such as the
feedback nodes, should be kept far away or shielded
from SW1 (Pins 5, 6) and SW2 (Pins 13, 14). Minimize
the trace lengths from the inductors to their output
capacitors.
4. Connect the ground side of any FB, RT, and SSTT com-
ponents to AGND (Pin 20). Connect a 1µF decoupling
capacitor from AVIN (Pin 21) to AGND, close to the
pins. For all layouts, only connect AGND to the rest of
the PCB ground plane in one location, to prevent tran-
sient currents in the ground plane from also flowing
through the AGND trace, which would cause voltage
noise between AGND referenced circuits.
For dual-buck applications, connect the AGND pin to
the ground plane with a single via, close to the AGND
pin. Use an unbroken low resistance ground plane to
minimize any voltage drops between AGND and the
negative terminals of the output capacitors.
For 2-phase, single output designs, optionally con-
nect the AGND pin to the negative terminal of the out-
put capacitor (COUT) at the load. This will reduce any
load regulation caused by voltage drops between the
ground at the load and the LTC3312SA voltage refer-
ence ground. The AGND node carries very little current
and, therefore, can be a minimal size trace. The ground
side of any FB, RT, and SSTT components, and the AVIN
capacitor ground should connect to the AGND node.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com