Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3312SAAVPBF Datasheet(PDF) 13 Page - Analog Devices

Part # LTC3312SAAVPBF
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SAAVPBF Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC3312SAAVPBF Datasheet HTML 9Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 10Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 11Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 12Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 13Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 14Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 15Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 16Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC3312SA
13
Rev. 0
For more information www.analog.com
OPERATION
Dual Buck Switching Regulators
The LTC3312SA is a 5V dual 6A monolithic, constant fre-
quency, peak current mode step-down DC/DC converter.
The synchronous buck switching regulators are internally
compensated and require only external feedback resistors
to set the output voltage.
An internal oscillator, with frequency set using a resis-
tor on the RT pin or synchronized to an external clock,
turns on the internal top power switch at the start of each
clock cycle, (the clock’s rising edge for Buck 1). Current
in the inductor then increases until the top switch current
comparator trips and turns off the top power switch. The
peak inductor current at which the top switch turns off
is controlled by an internal VC voltage. The error ampli-
fier regulates VC by comparing the voltage on the FB pin
with an internal 500mV reference. When the load current
increases it causes a reduction in the feedback voltage
relative to the reference leading the error amplifier to raise
the VC voltage until the average inductor current matches
the new load current. When the top power switch turns
off, the synchronous power switch turns on and ramps
down the inductor current for the remainder of the clock
cycle or, if in pulse-skipping or Burst Mode operation, until
the inductor current falls to zero. If overload conditions
result in excessive current flowing through the bottom
switch, the next clock cycle will be skipped until the switch
current returns to a safe level. The top switches of the two
buck regulators are turned on 180 degrees out of phase
to reduce input current ripple.
Each buck switching regulator has its own SW, FB, SSTT,
PGOOD, and EN pins. The enable pins have precision
400mV thresholds which may be used to provide event-
based power-up sequencing by connecting the enable pin
to the output of another buck through a resistor divider.
If the EN pin of a buck is low, that buck is in shutdown
and in a low quiescent current state. If both EN pins are
low, both bucks are in shutdown, the SW pins are high
impedance, and the quiescent current of the LTC3312SA
is 1.4µA (typical). If either EN pin is above the enable
threshold of 400mV, its respective buck is enabled.
Both buck regulators have forward and reverse current
limiting, short-circuit protection, output overvoltage pro-
tection, and soft-start to limit inrush current during start-
up or recovery from a short-circuit.
2-Phase, Single Output Operation
The LTC3312SA is easily configured as a single output,
2-phase, 12A buck regulator by connecting the FB2 and
SSTT2 pins to AVIN, and connecting the EN2 pin to AGND.
The PGOOD2 pin can be floated or shorted to ground. The
EN1 pin will control the enable for both power stages, and
the PGOOD1 pin functions as the power good indicator.
The part detects that FB2 is connected high and uses the
output of the error amplifier (VC) for Buck 1 to control the
peak inductor current for both buck power stages. The top
switches of the two phases are turned on 180 degrees
out of phase to reduce input current ripple. The differ-
ence between peak inductor currents of the two phases
are determined by internal matching and will typically be
within 10% of each other at high currents.
The equations used to determine the inductor value for a
single-phase 6A buck are also used to select the induc-
tors for the dual-phase 12A circuit (see Applications
Information section for inductor selection). The total
capacitance on the 2-phase output should be double what
is calculated for a single phase 6A buck (see Applications
Information section for output capacitor selection).
When waking up from sleep in Burst Mode operation,
the top switches of the two phases are turned on initially
without a delay, to improve the transient response coming
out of sleep. The 180-degree phase difference will start
on the subsequent turn-on after exiting sleep.
Input Supply
The AVIN pin is a noise-filtered version of PVIN used to
bias the internal bandgap reference and buck control cir-
cuits. A 1µF external filter capacitor should be connected
from AVIN to AGND, and no current should be drawn by
external circuits. AVIN connects to the PVIN1 and PVIN2
pins through internal 20Ω filter resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com