Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3312SAAVPBF Datasheet(PDF) 15 Page - Analog Devices

Part # LTC3312SAAVPBF
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SAAVPBF Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC3312SAAVPBF Datasheet HTML 11Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 12Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 13Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 14Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 15Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 16Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 17Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 18Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTC3312SA
15
Rev. 0
For more information www.analog.com
An output overvoltage event should not happen under
normal operating conditions.
Overtemperature Protection
To prevent thermal damage to the LTC3312SA, the device
incorporates an overtemperature (OT) function. If the die
temperature reaches 165°C (typical, not tested), both
buck switching regulators will be shut down and remain
in shutdown until the die temperature falls to 160°C (typi-
cal, not tested).
Soft-Start/Tracking/Temperature Monitor
The soft-start tracking function facilitates supply sequenc-
ing, limits VIN inrush current, and reduces start-up output
overshoot. Each buck regulator has an SSTT pin, which
sources a 4µA current when that buck is enabled. When the
SSTT pin voltage is low, it replaces the 500mV reference
normally used for regulating the FB voltage. A capacitor
on the SSTT pin to ground can be used to set the soft-start
ramp time for each buck regulator. When soft-starting is
completed, each SSTT pin parks itself at a voltage rep-
resentative of the LTC3312SA die junction temperature.
An alternative is to connect an SSTT pin to AVIN, which
selects an internally-set 1ms default soft-start time for
that buck regulator.
An active pull-down circuit is connected to either the SSTT
pin, or to the internal soft-start node if SSTT is connected
high. This is used to discharge it in the case of fault con-
ditions. The soft-start ramp will restart when the fault is
cleared. Fault conditions that clear the soft-start voltage
ramp are the EN pin transitioning low, VIN voltage falling
too low, or thermal shutdown.
Dropout Operation
As the input supply voltage approaches the output voltage,
the duty-cycle increases until SW is low for a minimum
time of 30ns (typical). Further reduction of the supply
voltage forces the main switch to remain on for more than
one cycle, allowing the duty-cycle to increase despite the
internally set minimum SW low-time. As the input drops
further, the main switch stays on for more cycles, until
it reaches the maximum allowed 16 cycles. At least one
minimum low-time is forced every 16 cycles in dropout,
limiting the maximum duty-cycle to 99% (typical).
Deep in dropout, the output voltage will be approximately
determined by 0.99 times the input voltage, minus the
voltage drops across the internal high-side MOSFET and
the inductor.
Low Supply Operation
The LTC3312SA is designed to operate down to an input
supply voltage of 2.25V. One important consideration at
low input supply voltages is that the RDS(ON) of the inter-
nal power switches increases. Calculate the worst case
LTC3312SA power dissipation and die junction tempera-
ture at the lowest input voltages.
Output Short-Circuit Protection and Recovery
The peak inductor current level, at which the current com-
parator shuts off the top power switch, is controlled by
the internal VC voltage. If the output current increases,
the error amplifier raises VC until the average induc-
tor current matches the load current. The LTC3312SA
clamps the maximum VC voltage, thereby limiting the
peak inductor current.
When the output is shorted to ground, the inductor cur-
rent decays very slowly when the bottom power switch
is on, because the voltage across the inductor is low. To
keep the inductor current in control, a secondary limit
is imposed on the valley of the inductor current. If the
inductor current measured through the bottom power
switch is greater than ILIMN at the end of a cycle, the
top power switch will be held off. Subsequent switching
cycles will be skipped until the inductor current is reduced
below ILIMN.
Recovery from an output short circuit may involve a soft-
start cycle if VFB falls more than approximately 100mV
below regulation. During such a recovery, VFB will quickly
charge up by that ~100mV and then follow the soft-start
ramp until regulation is reached.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com