Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3312SAAVPBF Datasheet(PDF) 2 Page - Analog Devices

Part # LTC3312SAAVPBF
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SAAVPBF Datasheet(HTML) 2 Page - Analog Devices

  LTC3312SAAVPBF Datasheet HTML 1Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 2Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 3Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 4Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 5Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 6Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 7Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 8Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC3312SA
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
PVIN1, PVIN2, AVIN........................................ –0.3V to 6V
EN1, EN2.............–0.3V to Lesser of (AVIN + 0.3V) or 6V
FB1, FB2..............–0.3V to Lesser of (AVIN + 0.3V) or 6V
MODE/SYNC .......–0.3V to Lesser of (AVIN + 0.3V) or 6V
RT ...................... –0.3V to Lesser of (AVIN + 0.3V) or 6V
SSTT1, SSTT2 ....–0.3V to Lesser of (AVIN + 0.3V) or 6V
AGND to PGND ....................................... –0.3V to +0.3V
PGOOD1, PGOOD2 ...................................... –0.3V to 6V
IPGOOD1, IPGOOD2......................................................5mA
Operating Junction Temperature Range (Note 2):
LTC3312SAA...................................... –40°C to 125°C
LTC3312SAJ ...................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Reflow (Package Body)Temperature ....260°C
(Note 1)
TOP VIEW
LQFN PACKAGE
22-LEAD (4mm × 3mm)
2θJA = 23.2°C/W, θJCTOP = 27.5°C/W,
θJCBOTTOM = 4.0ºC/W
SSTT1
FB1
EN1
PGOOD1
SW1
SW1
PVIN1
EN2
FB2
PGOOD2
MODE/SYNC
SW2
SW2
PVIN2
1
2
3
4
5
6
7
18
22
23
PGND
21 20 19
8
9
10 11
17
16
15
14
13
12
NOTES:
1. θJA VALUE IS OBTAINED WITH DEMO BOARD.
2. θ VALUES ARE DETERMINED BY SIMULATION
PER JESD-51 CONDITIONS.
ORDER INFORMATION
PART NUMBER
PART
MARKING*
FINISH CODE
PAD FINISH
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
LTC3312SAAV#PBF
312SA
e4
Au (RoHS)
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 125°C
AUTOMOTIVE PRODUCTS**
LTC3312SAJV#WPBF
312SA
e4
Au (RoHS)
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com