Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 201 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 201 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 197Page - STMicroelectronics STM32U575VG Datasheet HTML 198Page - STMicroelectronics STM32U575VG Datasheet HTML 199Page - STMicroelectronics STM32U575VG Datasheet HTML 200Page - STMicroelectronics STM32U575VG Datasheet HTML 201Page - STMicroelectronics STM32U575VG Datasheet HTML 202Page - STMicroelectronics STM32U575VG Datasheet HTML 203Page - STMicroelectronics STM32U575VG Datasheet HTML 204Page - STMicroelectronics STM32U575VG Datasheet HTML 205Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 329 page
background image
DS13737 Rev 6
201/329
STM32U575xx
Electrical characteristics
294
twu(Stop 3)
Wakeup time from Stop 3
to Run mode
All SRAMs retained
Wakeup in FLASH,
FSTEN = 0 in PWR_CR3
MSI 24 MHz
130
160
µs
Wakeup in FLASH,
FSTEN = 1 in PWR_CR3
MSI 24 MHz
32.5
37.0
HSI 16 MHz
32.0
36.0
MSI 1 MHz
72.5
94.0
Wakeup in SRAM2, range 4
MSI 24 MHz
26.5
31.0
HSI 16 MHz
28.0
32.0
MSI 1 MHz
68.5
89.0
twu(Standby
with SRAM2)
Wakeup time from
Standby with SRAM2 to
Run mode
Wakeup in FLASH,
FSTEN = 0 in PWR_CR3
MSI 4 MHz
61.5
80.0
Wakeup in FLASH,
FSTEN = 1 in PWR_CR3
MSI 4 MHz
61.5
80.0
MSI 1 MHz
150
240
twu(Standby)
Wakeup time from
Standby to Run mode
Wakeup in FLASH,
FSTEN = 0 in PWR_CR3
MSI 4 MHz
340
420
Wakeup in FLASH,
FSTEN = 1 in PWR_CR3
MSI 4 MHz
100
130
MSI 1 MHz
210
290
twu(Shutdown)
Wakeup time from
Shutdown to Run mode
-
MSI 4 MHz
610
710
1. Evaluated by characterization. Not tested in production.
Table 73. Low-power mode wakeup timings on SMPS(1) (continued)
Mode
Parameter
Conditions
Typ
(3 V,
30 °C)
Max
(3 V)
Unit
Table 74. Regulator mode transition times(1)
Symbol
Parameter
Conditions
Typ (3 V, 30 °C)
Max (3 V)
Unit
tLDO(2)
SMSP to LDO transition time
Range 4
16.0
20.0(3)
µs
Range 3
15.0
17.0
Range 2
14.0
18.0
Range 1
14.0
16.0
tSMPS(2)
LDO to SMPS transition time
Range 4
14.0
16.0(3)
Range 3
17.0
20.0
Range 2
16.0
19.0
Range 1
16.0
19.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com