Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 203 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 203 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 199Page - STMicroelectronics STM32U575VG Datasheet HTML 200Page - STMicroelectronics STM32U575VG Datasheet HTML 201Page - STMicroelectronics STM32U575VG Datasheet HTML 202Page - STMicroelectronics STM32U575VG Datasheet HTML 203Page - STMicroelectronics STM32U575VG Datasheet HTML 204Page - STMicroelectronics STM32U575VG Datasheet HTML 205Page - STMicroelectronics STM32U575VG Datasheet HTML 206Page - STMicroelectronics STM32U575VG Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 329 page
background image
DS13737 Rev 6
203/329
STM32U575xx
Electrical characteristics
294
Figure 28. AC timing diagram for high-speed external clock source
Low-speed external user clock generated from an external source
In bypass mode, the LSE oscillator is switched off and the input pin is a standard GPIO.
The external clock signal has to respect the I/O characteristics in Section 5.3.14: I/O port
characteristics. However, the recommended clock input waveform is shown in Figure 29
and Figure 30.
Figure 29. AC timing diagram for low-speed external square clock source
MSv67850V3
VHSEH
70%
30%
THSE
t
VHSEL
tw(HSEH)
tw(HSEL)
VHSE
Table 77. Low-speed external user clock characteristics(1)
Symbol
Parameter
Min
Typ
Max
Unit
fLSE_ext
User external clock source frequency
5
32.768
40
kHz
VLSE_ext_PP
OSC32_IN peak-to-peak amplitude
0.3
-
VSW(2)
V
VLSE_ext
OSC32_IN input range
0
-
VSW(2)
tw(LSEH)
tw(LSEL)
OSC32_IN high or low time for square signal input
10
-
-
μs
1. Specified by design. Not tested in production.
2. VSW = VDD when VDD is above VBOR0, and VSW=VBAT when VDD is below VBOR0.
MSv67851V3
VLSEH
70%
30%
t
VLSEL
tw(LSEH)
tw(LSEL)
VLSE_ext
tLSE = 1/fLSE_ext
VLSE_ext_PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com