Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 207 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 207 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 203Page - STMicroelectronics STM32U575VG Datasheet HTML 204Page - STMicroelectronics STM32U575VG Datasheet HTML 205Page - STMicroelectronics STM32U575VG Datasheet HTML 206Page - STMicroelectronics STM32U575VG Datasheet HTML 207Page - STMicroelectronics STM32U575VG Datasheet HTML 208Page - STMicroelectronics STM32U575VG Datasheet HTML 209Page - STMicroelectronics STM32U575VG Datasheet HTML 210Page - STMicroelectronics STM32U575VG Datasheet HTML 211Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 329 page
background image
DS13737 Rev 6
207/329
STM32U575xx
Electrical characteristics
294
5.3.8
Internal clock timing characteristics
The parameters given in the table below are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 32. The provided curves
are characterization results, not tested in production.
High-speed internal (HSI16) RC oscillator
Table 80. HSI16 oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI16
HSI16 frequency after factory
calibration
VDD = 3.0 V, TJ = 30 °C
15.92
16
16.08
MHz
fHSI16(1)
TJ = –10 °C to 100 °C,
1.58 ≤ VDD ≤ 3.6 V
15.84
-
16.16
TJ = –40 °C to 130 °C,
1.58 ≤ VDD ≤ 3.6 V
15.65
-
16.25
TRIM(2)
HSI16 user trimming step
-
18
29
40
kHz
DuCy(HSI16)(2) Duty cycle
-
45
-
55
%
tsu(HSI16)(2)
HSI16 oscillator startup time
-
-
2.5
3.6
μs
tstab(HSI16)(2)
HSI16 oscillator stabilization time
At 1% of target frequency
-
4
6
IDD(HSI16)(2)
HSI16 oscillator power consumption
-
-
150
210
μA
1. Evaluated by characterization. Not tested in production. It does not take into account package and soldering effects.
2. Specified by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com