Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 208 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 208 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 204Page - STMicroelectronics STM32U575VG Datasheet HTML 205Page - STMicroelectronics STM32U575VG Datasheet HTML 206Page - STMicroelectronics STM32U575VG Datasheet HTML 207Page - STMicroelectronics STM32U575VG Datasheet HTML 208Page - STMicroelectronics STM32U575VG Datasheet HTML 209Page - STMicroelectronics STM32U575VG Datasheet HTML 210Page - STMicroelectronics STM32U575VG Datasheet HTML 211Page - STMicroelectronics STM32U575VG Datasheet HTML 212Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 329 page
background image
Electrical characteristics
STM32U575xx
208/329
DS13737 Rev 6
Multi-speed internal (MSI) RC oscillator
Table 81. MSI oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fMSI
MSI frequency
after factory
calibration
VDD = 3 V
TJ = 30 °C
MSI mode
MSI range 0
(MSIRC0)
47.74
48
48.70
MHz
MSI range 1
23.87
24
24.35
MSI range 2
15.91
16
16.23
MSI range 3
11.93
12
12.17
MSI range 4
(MSIRC1)
3.98
4
4.06
MSI range 5
1.99
2
2.03
MSI range 6
1.33
1.33
1.35
MSI range 7
0.99
1
1.01
MSI range 8
(MSIRC2)
3.05
3.08
3.12
MSI range 9
1.53
1.54
1.56
MSI range 10
1.02
1.03
1.04
MSI range 11
0.76
0.77
0.78
MSI range 12
(MSIRC3)
397.68
400
405.71
kHz
MSI range 13
198.84
200
202.86
MSI range 14
132.56
133
135.24
MSI range 15
99.42
100
101.43
PLL
mode(2)
XTAL =
32.768 kHz
MSI range 0
(MSIRC0)
-
48.005
-
MHz
MSI range 1
-
24.003
-
MSI range 2
-
16.002
-
MSI range 3
-
12.001
-
MSI range 4
(MSIRC1)
-3.998
-
MSI range 5
-
1.999
-
MSI range 6
-
1.333
-
MSI range 7
-
0.999
-
MSI range 8
(MSIRC2)
-3.08
-
MSI range 9
-
1.54
-
MSI range 10
-
1.027
-
MSI range 11
-
0.77
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com