Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 212 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 212 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 208Page - STMicroelectronics STM32U575VG Datasheet HTML 209Page - STMicroelectronics STM32U575VG Datasheet HTML 210Page - STMicroelectronics STM32U575VG Datasheet HTML 211Page - STMicroelectronics STM32U575VG Datasheet HTML 212Page - STMicroelectronics STM32U575VG Datasheet HTML 213Page - STMicroelectronics STM32U575VG Datasheet HTML 214Page - STMicroelectronics STM32U575VG Datasheet HTML 215Page - STMicroelectronics STM32U575VG Datasheet HTML 216Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 329 page
background image
Electrical characteristics
STM32U575xx
212/329
DS13737 Rev 6
Figure 33. HSI48 frequency versus temperature
TRIM(1)
User trimming step
-
-
0.12
0.18
%
USER TRIM
COVERAGE(2)
User trimming coverage
±63 steps
±4.5
±7.56
-
DuCy(HSI48)(1) Duty cycle
-
45
-
55
ACCHSI48_REL
(2)
Accuracy of the HSI48 oscillator over
temperature (factory calibrated)
Reference is 3 V and 30 °C(3).
1.58 V ≤ VDD ≤ 3.6 V,
TJ = –40 to 125 °C
-3
-
2
∆VDD(HSI48)(1) HSI48 frequency drift with VDD(4)
3.0 V ≤ VDD ≤ 3.6 V
-
0.025
0.05
1.58 V ≤ VDD ≤ 3.6 V
-
0.05
0.1
NT jitter(1)
Next transition jitter
Accumulated jitter on 28 cycles(5)
--
±0.15
-
ns
PT jitter(1)
Paired transition jitter
Accumulated jitter on 56 cycles(5)
--
±0.25
-
tsu(HSI48)(1)
HSI48 oscillator startup time
-
-
2.5
6
μs
IDD(HSI48)(1)
HSI48 oscillator power consumption
-
-
350
400
μA
1. Specified by design. Not tested in production.
2. Evaluated by characterization. Not tested in production.
3. ∆fHSI = ACCHSI48_REL + ∆VDD.
4. These values are obtained with one of the following formula: (Freq(3.6 V) - Freq(3.0 V)) / Freq(3.0 V) or
(Freq(3.6 V) - Freq(1.58 V)) / Freq(1.58 V).
5. Jitter measurements are performed without clock source activated in parallel.
Table 82. HSI48 oscillator characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
MSv69123V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com