Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 215 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 215 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 211Page - STMicroelectronics STM32U575VG Datasheet HTML 212Page - STMicroelectronics STM32U575VG Datasheet HTML 213Page - STMicroelectronics STM32U575VG Datasheet HTML 214Page - STMicroelectronics STM32U575VG Datasheet HTML 215Page - STMicroelectronics STM32U575VG Datasheet HTML 216Page - STMicroelectronics STM32U575VG Datasheet HTML 217Page - STMicroelectronics STM32U575VG Datasheet HTML 218Page - STMicroelectronics STM32U575VG Datasheet HTML 219Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 329 page
background image
DS13737 Rev 6
215/329
STM32U575xx
Electrical characteristics
294
tprog_page One 8-Kbyte page programming time
fAHB = 160 MHz, normal mode
60.2
-
ms
fAHB = 160 MHz, burst mode
24.5
-
tprog_bank One 1-Mbyte bank programming time
fAHB = 160 MHz, normal mode
7710
-
fAHB = 160 MHz, burst mode
3140
-
tERASE One 8-Kbyte page erase time
10 k endurance cycles
1.5
2.4
100 k endurance cycles
1.7
3.4
tME
Mass erase time (one bank)
10 k endurance cycles
195
308
Mass erase time (two banks)
390
616
IDD(3)
Average consumption from VDD
Write mode
2.1
-
mA
Erase mode
1.3
-
Maximum current (peak)
Write mode
2.6
-
Erase mode
3.0
-
1. Specified by design. Not tested in production.
2. Evaluated by characterization after cycling. Not tested in production.
3. Evaluated by characterization. Not tested in production.
Table 85. Flash memory characteristics(1) (continued)
Symbol
Parameter
Conditions
Typ
Max(2)
Unit
Table 86. Flash memory endurance and data retention
Symbol
Parameter
Conditions
Min(1)
Unit
NEND Endurance
Whole bank
TA = –40 to 125 °C
10
kcycles
Limited to 256 Kbytes per bank
100
tRET
Data retention
Whole bank
TA = 85 °C after 1 kcycle(2)
30
Years
TA = 105 °C after 1 kcycle(2)
15
TA = 125 °C after 1 kcycle(2)
10
TA = 55 °C after 10 kcycles(2)
30
TA = 85 °C after 10 kcycles(2)
15
TA = 105 °C after 10 kcycles(2)
10
Limited to 256 Kbytes per bank
TA = 55 °C after 100 kcycles(2)
30
TA = 85 °C after 100 kcycles(2)
15
TA = 105 °C after 100 kcycles(2)
10
1. Evaluated by characterization. Not tested in production.
2. Cycling performed over the whole temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com