Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 213 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 213 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 209Page - STMicroelectronics STM32U575VG Datasheet HTML 210Page - STMicroelectronics STM32U575VG Datasheet HTML 211Page - STMicroelectronics STM32U575VG Datasheet HTML 212Page - STMicroelectronics STM32U575VG Datasheet HTML 213Page - STMicroelectronics STM32U575VG Datasheet HTML 214Page - STMicroelectronics STM32U575VG Datasheet HTML 215Page - STMicroelectronics STM32U575VG Datasheet HTML 216Page - STMicroelectronics STM32U575VG Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 329 page
background image
DS13737 Rev 6
213/329
STM32U575xx
Electrical characteristics
294
Low-speed internal (LSI) RC oscillator
5.3.9
PLL characteristics
The parameters given in the table below are derived from tests performed under
temperature and VDD supply voltage conditions summarized in Table 32.
Table 83. LSI oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSI
LSI frequency
VDD = 3.0 V, TJ = 30 °C, LSIPREDIV = 0
31.4
-
32.6
kHz
VDD = 3.0 V, TJ = 30 °C, LSIPREDIV = 1 0.245
-
0.255
1.58 V≤ VDD ≤ 3.6 V, TJ = –40 to 125 °C 30.4(1)
-33.6(1)
DuCy(LSI) LSI duty cycle
LSIPREDIV = 1
-
50
-
%
tSU(LSI)(2) LSI oscillator startup time
-
-
230
260
μs
tSTAB(LSI)(2) LSI oscillator stabilization time 5% of final frequency
-
230
260
IDD(LSI)(2)
LSI oscillator power
consumption
LSIPREDIV = 0
-
140
255
nA
LSIPREDIV = 1
-
130
240
1. Evaluated by characterization. Not tested in production.
2. Specified by design. Not tested in production.
Table 84. PLL characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock
-
4
-
16
MHz
PLL input clock
duty cycle
-10
-
90
%
fPLL_OUT
PLL P, Q, R
output clock
Voltage scaling range 1
1
-
160(2)
MHz
Voltage scaling range 2
1
-
110
Voltage scaling range 3
1
-
55
fVCO_OUT PLL VCO output
Voltage scaling range 1, 2
128
-
544
Voltage scaling range 3
128
-
330
Duty cycle with division 1
40
-
60
%
tLOCK(3)(4) PLL lock time
Integer mode
-
25
50
μs
Fractional mode
-
40
65
Jitter
RMS cycle-to-
cycle jitter
Integer mode, VCO = 544 MHz
-
20
-
±ps
Fractional mode, VCO = 544 MHz
-
70
-
RMS period jitter
Integer mode, VCO = 544 MHz
-
35
-
Fractional mode, VCO = 544 MHz
-
45
-
Long-term
jitter(5),
fPLL_IN = 8 MHz
Integer mode, VCO = 544 MHz
-
160
-
Fractional mode, VCO = 544 MHz
-
170
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com