Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 209 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 209 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 205Page - STMicroelectronics STM32U575VG Datasheet HTML 206Page - STMicroelectronics STM32U575VG Datasheet HTML 207Page - STMicroelectronics STM32U575VG Datasheet HTML 208Page - STMicroelectronics STM32U575VG Datasheet HTML 209Page - STMicroelectronics STM32U575VG Datasheet HTML 210Page - STMicroelectronics STM32U575VG Datasheet HTML 211Page - STMicroelectronics STM32U575VG Datasheet HTML 212Page - STMicroelectronics STM32U575VG Datasheet HTML 213Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 329 page
background image
DS13737 Rev 6
209/329
STM32U575xx
Electrical characteristics
294
fMSI (cont’d)
MSI frequency
after factory
calibration
VDD = 3 V
TJ = 30 °C
PLL mode
XTAL =
32.768 kHz
MSI range 12
(MSIRC3)
-
393
-
MHz
MSI range 13
-
196.6
-
kHz
MSI range 14
-
131
-
MSI range 15
-
98.3
-
DuCy(MSI)(3) Duty cycle
MSI range 0, 4, 8, or 12
38
-
62
%
MSI range 2, 6, 10, or 14
31
-
69
Other MSI ranges
48
-
52
TRIM
User trimming
step
--
0.4
-
∆TEMP(MSI)(4)
MSI oscillator
frequency drift
over
temperature
(reference is
30 °C)
MSI mode
TJ = –40 to 130 °C
-4
-
2
∆VDD(MSI)(4)
MSI oscillator
frequency drift
over VDD
(reference is 3V)
MSI mode
MSI range
0 to 3
1.58 ≤ VDD ≤ 3.6 V
-4
-
1
2.4 ≤ VDD ≤ 3.6 V
-1
-
1
MSI range
4 to 7
1.58 ≤ VDD ≤ 3.6 V
-3
-
1
2.4 ≤ VDD ≤ 3.6 V
-1
-
1
MSI range
8 to 11
1.58 ≤ VDD ≤ 3.6 V
-3
-
1
2.4 ≤ VDD ≤ 3.6 V
-1
-
1
MSI range
12 to 15
1.58 ≤ VDD ≤ 3.6 V
-3
-
1
2.4 ≤ VDD ≤ 3.6 V
-1
-
1
∆FSAMPLING
(MSI)
(3)(4)
MSI frequency
variation in
sampling mode
(MSIBIAS = 1)
MSI mode
TJ = –40 to 130 °C
-
-
0.2
CC
jitter(MSI)(3)
RMS
cycle-to-cycle
jitter
PLL mode
MSI range 0
-
60
-
ps
MSI range 4
-
160
-
MSI range 8
-
200
-
MSI range 12
-
1100
-
P jitter(MSI)(3) RMS period jitter PLL mode
MSI range 0
-
40
-
MSI range 4
-
130
-
MSI range 8
-
170
-
MSI range 12
-
800
-
Table 81. MSI oscillator characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com