Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 211 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 211 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 207Page - STMicroelectronics STM32U575VG Datasheet HTML 208Page - STMicroelectronics STM32U575VG Datasheet HTML 209Page - STMicroelectronics STM32U575VG Datasheet HTML 210Page - STMicroelectronics STM32U575VG Datasheet HTML 211Page - STMicroelectronics STM32U575VG Datasheet HTML 212Page - STMicroelectronics STM32U575VG Datasheet HTML 213Page - STMicroelectronics STM32U575VG Datasheet HTML 214Page - STMicroelectronics STM32U575VG Datasheet HTML 215Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 329 page
background image
DS13737 Rev 6
211/329
STM32U575xx
Electrical characteristics
294
High-speed internal 48 MHz (HSI48) RC oscillator
IDD(MSI)(3)
MSI oscillator
power
consumption
Continuous
mode(7)
LDO
MSI range 0 to 3
-
21 + 2.5
µA/MHz
-
µA
MSI range 4 to 15
-
19 + 2.5
µA/MHz
-
SMPS(9)
MSI range 0 to 3
-
21 + 1,3
µA/MHz
-
MSI range 4 to 15
-
19 + 1,3
µA/MHz
-
Sampling
mode(8)
LDO
Range 0 to 3
-
3 + 2.5
µA/MHz
-
Range 4 to 15
-
1 +
2.5µA/
MHz
-
SMPS
Range 0 to 3
-
3 + 1
µA/MHz
-
Range 4 to 15
-
1 + 1
µA/MHz
-
1. Evaluated by characterization and not tested in production, unless otherwise specified.
2. In PLL mode, the MSI accuracy is the LSE crystal accuracy.
3. Specified by design. Not tested in production.
4. This is a deviation for an individual part once the initial frequency has been measured.
5. The MSI startup time is the time when the four MSIRCs are in power down.
6. This delay is the time to switch from one MSIRC to another one. In case the destination MSIRC is in power down, the total
delay is tsu(MSI) + tswitch(MSI).
7. The MSI is in continuous mode when the internal regulator is in voltage range 1, 2 or 3.
8. The MSI is in sampling mode when MSIBIAS = 1 in RCC_ICSCR1, and the regulator is in voltage range 4, or when the
device is in Stop 1 or Stop 2 mode.
9. SMPS efficiency in range 1, based on VCORE current = 19.4 mA (CoreMark current on VCORE at 160 MHz).
Table 81. MSI oscillator characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 82. HSI48 oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI48
HSI48 frequency after factory calibration VDD = 3.0 V, TJ = 30 °C
47.5
48
48.5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com