Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 202 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 202 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 198Page - STMicroelectronics STM32U575VG Datasheet HTML 199Page - STMicroelectronics STM32U575VG Datasheet HTML 200Page - STMicroelectronics STM32U575VG Datasheet HTML 201Page - STMicroelectronics STM32U575VG Datasheet HTML 202Page - STMicroelectronics STM32U575VG Datasheet HTML 203Page - STMicroelectronics STM32U575VG Datasheet HTML 204Page - STMicroelectronics STM32U575VG Datasheet HTML 205Page - STMicroelectronics STM32U575VG Datasheet HTML 206Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 329 page
background image
Electrical characteristics
STM32U575xx
202/329
DS13737 Rev 6
5.3.7
External clock timing characteristics
High-speed external user clock generated from an external source
In bypass mode, the HSE oscillator is switched off and the input pin is a standard GPIO.
The external clock signal has to respect the I/O characteristics in Section 5.3.14: I/O port
characteristics. However, the recommended clock input waveform is shown in the figure
below.
tVOST(4)
Range 4 to range 3
LDO
19.0
21.0
µs
SMPS
25.0
38.0
Range 3 to range 2
LDO
13.0
15.0
SMPS
13.0
23.0
Range 2 to range 1
LDO
12.0
14.0
SMPS
12.0
17.0
Range 4 to range 1
LDO
42.0
47.0
SMPS
48.0
76.0
1. Evaluated by characterization and not tested in production, unless otherwise specified.
2. Time to REGS change in PWR_SVMSR.
3. Tested in production at 30°C.
4. Time to VOSRDY = 1 in PWR_VOSR.
Table 74. Regulator mode transition times(1) (continued)
Symbol
Parameter
Conditions
Typ (3 V, 30 °C)
Max (3 V)
Unit
Table 75. Wakeup time using USART/LPUART(1)
Symbol
Parameter
Typ
Max
Unit
tWUUSART
tWULPUART
Wakeup time needed to calculate the maximum USART/LPUART baudrate that
is needed to wake up from Stop mode when the USART/LPUART kernel clock
source is HSI16/MSI.
-
(2)
μs
1. Specified by design. Not tested in production.
2. This wakeup time is the HSI16 (see Table 80) or the MSI (see Table 81) oscillator maximum startup time.
Table 76. High-speed external user clock characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE_ext
User external clock source
frequency
Voltage scaling range 1, 2, 3
-
-
55
MHz
Voltage scaling range 4
-
-
25
VHSEH OSC_IN input pin high-level voltage
-
0.7 × VDD
-VDD
V
VHSEL OSC_IN input pin low level voltage
-
VSS
-0.3 × VDD
tw(HSEH)
tw(HSEL)
OSC_IN high or low time
Voltage scaling range 1, 2, 3
7
-
-
ns
Voltage scaling range 4
18
-
-
1. Specified by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com