Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 323 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 323 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 319Page - STMicroelectronics STM32U575VG Datasheet HTML 320Page - STMicroelectronics STM32U575VG Datasheet HTML 321Page - STMicroelectronics STM32U575VG Datasheet HTML 322Page - STMicroelectronics STM32U575VG Datasheet HTML 323Page - STMicroelectronics STM32U575VG Datasheet HTML 324Page - STMicroelectronics STM32U575VG Datasheet HTML 325Page - STMicroelectronics STM32U575VG Datasheet HTML 326Page - STMicroelectronics STM32U575VG Datasheet HTML 327Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 329 page
background image
DS13737 Rev 6
323/329
STM32U575xx
Package information
323
Table 164. Package thermal characteristics
Symbol
Parameter
Package
Value
Unit
ΘJA
Thermal resistance junction-ambient
LQFP48 7 x 7 mm
45.8
°C/W
UFQFPN48 7 x 7 mm
26.9
LQFP64 10 x 10 mm
39.6
WLCSP90 4.2 x 3.95 mm
42.3
LQFP100 - 14 × 14 m
34.4
UFBGA132 7 x 7 mm
35.2
LQFP144 20 x 20 mm
35.9
UFBGA169 7 x 7 mm
33.7
ΘJB
Thermal resistance junction-board
LQFP48 7 x 7 mm
23.4
UFQFPN48 7 x 7 mm
11.2
LQFP64 10 x 10 mm
22
WLCSP90 4.2 x 3.95 mm
27.5
LQFP100 - 14 × 14 m
20.3
UFBGA132 7 x 7 mm
20.7
LQFP144 20 x 20 mm
24.8
UFBGA169 7 x 7 mm
19.3
ΘJC
Thermal resistance junction-top case
LQFP48 7 x 7 mm
10.7
UFQFPN48 7 x 7 mm
8
LQFP64 10 x 10 mm
9.0
WLCSP90 4.2 x 3.95 mm
1.6
LQFP100 - 14 × 14 m
7.4
UFBGA132 7 x 7 mm
8.3
LQFP144 20 x 20 mm
7.6
UFBGA169 7 x 7 mm
8.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com