Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 326 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 326 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 321Page - STMicroelectronics STM32U575VG Datasheet HTML 322Page - STMicroelectronics STM32U575VG Datasheet HTML 323Page - STMicroelectronics STM32U575VG Datasheet HTML 324Page - STMicroelectronics STM32U575VG Datasheet HTML 325Page - STMicroelectronics STM32U575VG Datasheet HTML 326Page - STMicroelectronics STM32U575VG Datasheet HTML 327Page - STMicroelectronics STM32U575VG Datasheet HTML 328Page - STMicroelectronics STM32U575VG Datasheet HTML 329Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 326 / 329 page
background image
Revision history
STM32U575xx
326/329
DS13737 Rev 6
9
Revision history
Table 165. Document revision history
Date
Revision
Changes
02-Sep-2021
1
Initial release
24-Sep-2021
2
Updated:
– Figure 24 and Figure 25: STM32U575xQ power supply scheme (with SMPS)
– Figure 28: AC timing diagram for high-speed external clock source
– Figure 29: AC timing diagram for low-speed external square clock source
–VDDCoeff values in Table 35: Embedded internal voltage reference
–IDD(RUN) Range 2 values in Table 36 and Table 37
– New consumption Table 39, Table 41, Table 44, Table 45, Table 49, Table 51,
Table 53, Table 55, Table 57, Table 59, Table 65
– All values in consumption Table 52, Table 54, Table 56, Table 58, Table 64
– All values in Table 70, Table 71, Table 72
– USER TROM COVERAGE removed in Table 79: MSI oscillator characteristics
– Table 82: PLL characteristics
19-Nov-2021
3
Updated:
– ‘legacy’ replaced by ‘without SMPS’ in Table 2: STM32U575xx features and
peripheral counts
– PSSI in Table 10: Functionalities depending on the working mode
– Table 37 and new Table 38: Current consumption in Run mode on SMPS, code with
data processing running from Flash memory, ICACHE ON (1-way), prefetch ON,
VDD = 3.0 V
– Table 44 and new Table 45: Current consumption in Sleep mode on SMPS, Flash
memory in power down, VDD = 3.0 V
– Table 46: SRAM1/SRAM3 current consumption in Run/Sleep mode with LDO and
SMPS
–twu(Sleep) max in Table 73: Low-power mode wakeup timings on SMPS
– Footnote 8 on Table 81: MSI oscillator characteristics
–tSU(RX) in Table 145: USART characteristics
– Section 6.5: LQFP100 package information
13-Dec-2021
4
Updated:
– FMC_A16 and FMC_A17 in Table 26: STM32U575xx pin definitions and Table 28:
Alternate function AF8 to AF15
–New tVBAT_BOR_sampling in Table 34: Embedded reset and power control block
characteristics
–CS_PARA in Table 79: LSE oscillator characteristics (fLSE = 32.768 kHz)
– Figure 32: Typical application with a 32.768 kHz crystal
17-Mar-2022
5
Updated:
– PSSI, GPIOs, and capacitive sensing in Table 2: STM32U585xx features and
peripheral counts
– Figure 1: STM32U585xx block diagram
–VBAT in Section 3.9.1: Power supply schemes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com