Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 328 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 328 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 321Page - STMicroelectronics STM32U575VG Datasheet HTML 322Page - STMicroelectronics STM32U575VG Datasheet HTML 323Page - STMicroelectronics STM32U575VG Datasheet HTML 324Page - STMicroelectronics STM32U575VG Datasheet HTML 325Page - STMicroelectronics STM32U575VG Datasheet HTML 326Page - STMicroelectronics STM32U575VG Datasheet HTML 327Page - STMicroelectronics STM32U575VG Datasheet HTML 328Page - STMicroelectronics STM32U575VG Datasheet HTML 329Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 328 / 329 page
background image
Revision history
STM32U575xx
328/329
DS13737 Rev 6
2-Jun-2022
6
Added:
– Section 8: Important security notice
Updated:
– Up to 22 capacitive sensing channels
– Section 2: Description
– Table 2.: STM32U575xx features and peripheral counts
– Section 3.36: Touch sensing controller (TSC)
– TSC_G3_IO1/TSC_G1_IO4 are removed from PC2/PC3 in Table 26.:
STM32U575xx pin definitions and Table 28.: Alternate function AF8 to AF15
– Table 71.: Typical dynamic current consumption of peripherals
– Table 88: EMI characteristics for fHSE = 8 MHz and fHCLK = 160 MHz
– Minimum value added for PSSR in Table 116.: OPAMP characteristics
– Disclaimer
Table 165. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com