Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 327 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 327 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 321Page - STMicroelectronics STM32U575VG Datasheet HTML 322Page - STMicroelectronics STM32U575VG Datasheet HTML 323Page - STMicroelectronics STM32U575VG Datasheet HTML 324Page - STMicroelectronics STM32U575VG Datasheet HTML 325Page - STMicroelectronics STM32U575VG Datasheet HTML 326Page - STMicroelectronics STM32U575VG Datasheet HTML 327Page - STMicroelectronics STM32U575VG Datasheet HTML 328Page - STMicroelectronics STM32U575VG Datasheet HTML 329Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 327 / 329 page
background image
DS13737 Rev 6
327/329
STM32U575xx
Revision history
328
17-Mar-2022
5 (cont’d)
– Backup domain in Figure 2 and Figure 3: STM32U575xx power supply overview
(without SMPS)
–IWDG in Table 10: Functionalities depending on the working mode
– New sentence beg. of Section 3.25: Octo-SPI interface (OCTOSPI)
– Section 3.25.1: OCTOSPI TrustZone security
– Figure 9: UFQFPN48_SMPS pinout
– PB2 I/O structure in Table 26: STM32U575xx pin definitions
– Notes of Table 50: Current consumption in Stop 1 mode on LDO
– Table 51: Current consumption during wakeup from Stop 1 mode on LDO
– Notes of Table 52: Current consumption in Stop 1 mode on SMPS
– Table 53: Current consumption during wakeup from Stop 1 mode on SMPS
–Table SRAM static power consumption in Stop 2 when supplied by LDO moved
– Notes of Table 54: Current consumption in Stop 2 mode on LDO
– Table 56: Current consumption during wakeup from Stop 2 mode on LDO
–Table SRAM static power consumption in Stop 2 when supplied by SMPS moved
– Table 59: Current consumption during wakeup from Stop 2 mode on SMPS
– Notes of Table 57: Current consumption in Stop 2 mode on SMPS
–Table SRAM static power consumption in Stop 3 when supplied by LDO moved
– Table 62: Current consumption during wakeup from Stop 3 mode on LDO
–Table SRAM static power consumption in Stop 3 when supplied by SMPS moved
– Notes of Table 63: Current consumption in Stop 3 mode on SMPS
– Table 65: Current consumption during wakeup from Stop 3 mode on SMPS
– Table 67: Current consumption during wakeup from Standby mode
– Notes of Table 68: Current consumption in Shutdown mode
– Table 69: Current consumption during wakeup from Shutdown mode
–twu(Sleep) and notes of Table 72: Low-power mode wakeup timings on LDO
– Notes Table 74: Regulator mode transition times
– Output driving current
– Notes of Table 93: Output voltage characteristics
–New Table 94: Output voltage characteristics for FT_t I/Os in VBAT mode
– Notes of Table 95: Output AC characteristics, HSLV OFF (all I/Os except FT_c)
– Notes of Table 96: Output AC characteristics, HSLV ON (all I/Os except FT_c)
– Table 98: Output AC characteristics for FT_t I/Os in VBAT mode
–fAHB_CAL removed from Table 102: 14-bit ADC1 characteristics
– Table 112: DAC characteristics
–RLoad and en in Table 116: OPAMP characteristics
–New Figure 44: OPAMP voltage noise density, normal mode, RLOAD = 3.9 kΩ and
Figure 45: OPAMP voltage noise density, low-power mode, RLOAD = 20 kΩ
–tLv(NOE_NE) in Table 129: Asynchronous multiplexed PSRAM/NOR read timings
– Section 6.2: LQFP48 package information
– Section 6.3: LQFP64 package information
– Section 6.5: LQFP100 package information
– Section 6.7: LQFP144 package information
– Disclaimer
Table 165. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com