Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTY1 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTY1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTY1 Datasheet(HTML) 30 Page - Texas Instruments

Back Button CC1070-RTY1 Datasheet HTML 26Page - Texas Instruments CC1070-RTY1 Datasheet HTML 27Page - Texas Instruments CC1070-RTY1 Datasheet HTML 28Page - Texas Instruments CC1070-RTY1 Datasheet HTML 29Page - Texas Instruments CC1070-RTY1 Datasheet HTML 30Page - Texas Instruments CC1070-RTY1 Datasheet HTML 31Page - Texas Instruments CC1070-RTY1 Datasheet HTML 32Page - Texas Instruments CC1070-RTY1 Datasheet HTML 33Page - Texas Instruments CC1070-RTY1 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
CC1070
SWRS043
Page 30 of 58
14.2 VCO and PLL Self-Calibration
To
compensate
for
supply
voltage,
temperature and process variations, the
VCO and PLL must be calibrated. The
calibration is performed automatically and
sets the maximum VCO tuning range and
optimum charge pump current for PLL
stability. After setting up the device at the
operating frequency, the self-calibration
can
be
initiated
by
setting
the
CAL_START bit in the CALIBRATE
register. The calibration result is stored
internally in the chip, and is valid as long
as power is not turned off. If large supply
voltage drops (typically more than 0.25 V)
or temperature variations (typically more
than 40
oC) occur after calibration, a new
calibration should be performed.
The nominal VCO control voltage is set by
the
CAL_ITERATE[2:0]
bits
in
the
CALIBRATE register.
The CAL_COMPLETE bit in the STATUS
register indicates that calibration has
finished.
The
calibration
wait
time
(CAL_WAIT) is programmable and is
proportional to the internal PLL reference
frequency. The highest possible reference
frequency should be used to get the
minimum
calibration
time.
It
is
recommended to use CAL_WAIT[1:0] = 11
in order to get the most accurate loop
bandwidth.
The CAL_COMPLETE bit can also be
monitored at the LOCK pin, configured by
LOCK_SELECT[3:0] = 0101, and used as
an interrupt input to the microcontroller.
To check that the PLL is in lock the user
should monitor the LOCK_CONTINUOUS
bit
in
the
STATUS
register.
The
LOCK_CONTINUOUS bit can also be
monitored at the LOCK pin, configured by
LOCK_SELECT[3:0] = 0010.
There are separate calibration values for
the two frequency registers. However,
dual calibration is possible if all of the
below conditions apply:
•
The two frequencies A and B differ by
less than 1 MHz
•
Reference
frequencies
are
equal
(REF_DIV_A[2:0] = REF_DIV_B[2:0]
in the CLOCK_A/CLOCK_B registers)
•
VCO
currents
are
equal
(VCO_CURRENT_A[3:0]
=
VCO_CURRENT_B[3:0] in the VCO
register).
The CAL_DUAL bit in the CALIBRATE
register
controls
dual
or
separate
calibration.
The
single
calibration
algorithm
(CAL_DUAL = 0) is illustrated in Figure 17.
The same algorithm is applicable for dual
calibration if CAL_DUAL = 1.
Chipcon
recommends
that
single
calibration be used for more robust
operation.
There is a small, but finite, possibility that
the PLL self-calibration will fail. The
calibration routine in the source code
should include a loop so that the PLL is re-
calibrated until PLL lock is achieved if the
PLL does not lock the first time. Refer to
CC1070 Errata Note 001.
The CAL_SELECT bit is used to select the
calibration routine. When set high, a fast
calibration routine is used.
The table below shows the calibration time
when CAL_SELECT = 1:
Calibration
time [ms]
Reference frequency [MHz]
CAL_WAIT
7.3728
00
1.0
01
1.5
10
2.9
11
3.9
Table 18. Typical calibration time when
CAL_SELECT = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com