Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTY1 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTY1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTY1 Datasheet(HTML) 48 Page - Texas Instruments

Back Button CC1070-RTY1 Datasheet HTML 44Page - Texas Instruments CC1070-RTY1 Datasheet HTML 45Page - Texas Instruments CC1070-RTY1 Datasheet HTML 46Page - Texas Instruments CC1070-RTY1 Datasheet HTML 47Page - Texas Instruments CC1070-RTY1 Datasheet HTML 48Page - Texas Instruments CC1070-RTY1 Datasheet HTML 49Page - Texas Instruments CC1070-RTY1 Datasheet HTML 50Page - Texas Instruments CC1070-RTY1 Datasheet HTML 51Page - Texas Instruments CC1070-RTY1 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
CC1070
SWRS043
Page 48 of 58
PLL_BW Register (1Ah)
REGISTER
NAME
Default
value
Active
Description
PLL_BW[7:0]
PLL_BW[7:0]
134
-
Charge pump current scaling/rounding factor.
Used to calibrate charge pump current for the
desired PLL loop bandwidth. The value is given by:
PLL_BW = 146 + 16 log2(fref/7.126) where fref is the
reference frequency in MHz.
CALIBRATE Register (1Bh)
REGISTER
NAME
Default
value
Active
Description
CALIBRATE[7]
CAL_START
0
↑ 1: Calibration started
0: Calibration inactive
CALIBRATE[6]
CAL_DUAL
0
H
Use calibration results for both frequency A and B
0: Store results in A or B defined by F_REG (MAIN[6])
1: Store calibration results in both A and B
CALIBRATE[5:4]
CAL_WAIT[1:0]
0
-
Selects dividers for clock used during calibration, and
thereby calibration wait time. Encoding when
CAL_SELECT = 1:
0 – divider 8
1 – divider 16
2 – divider 40
3 – divider 80
Encoding when CAL_SELECT = 0:
0 – divider 80
1 – divider 128
2 – divider 160
3 – divider 256
For CAL_SELECT = 0 this leads to:
0: Calibration time is approx. 90000 F_REF periods
1: Calibration time is approx. 110000 F_REF periods
2: Calibration time is approx. 130000 F_REF periods
3: Calibration time is approx. 200000 F_REF periods
Recommended setting:
CAL_WAIT=3 for best accuracy in calibrated PLL loop
filter bandwidth.
CALIBRATE[3]
CAL_SELECT
1
-
Selects calibration routine
0: CC1020 style calibration
1: New calibration routine (default)
Recommended setting: CAL_SELECT=1.
CALIBRATE[2:0]
CAL_ITERATE[2:0]
5
-
Iteration start value for calibration DAC
0 (000): DAC start value 1, VC<0.49V after calibration
1 (001): DAC start value 2, VC<0.66V after calibration
2 (010): DAC start value 3, VC<0.82V after calibration
3 (011): DAC start value 4, VC<0.99V after calibration
4 (100): DAC start value 5, VC<1.15V after calibration
5 (101): DAC start value 6, VC<1.32V after calibration
6 (110): DAC start value 7, VC<1.48V after calibration
7 (111): DAC start value 8, VC<1.65V after calibration
Recommended setting: CAL_ITERATE=4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com