Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTY1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTY1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTY1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC1070-RTY1 Datasheet HTML 7Page - Texas Instruments CC1070-RTY1 Datasheet HTML 8Page - Texas Instruments CC1070-RTY1 Datasheet HTML 9Page - Texas Instruments CC1070-RTY1 Datasheet HTML 10Page - Texas Instruments CC1070-RTY1 Datasheet HTML 11Page - Texas Instruments CC1070-RTY1 Datasheet HTML 12Page - Texas Instruments CC1070-RTY1 Datasheet HTML 13Page - Texas Instruments CC1070-RTY1 Datasheet HTML 14Page - Texas Instruments CC1070-RTY1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
CC1070
SWRS043
Page 11 of 58
4.5 Current Consumption
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Power Down mode
0.2
1
µA
Oscillator core off
Current consumption,
433/868 MHz:
P = −20 dBm
P = −5 dBm
P = 0 dBm
P = +5 dBm
P = +8 dBm
P = +10 dBm
12.3/13.9
14.7/16.8
17.5/20.5
21.5/25.3
25.5/33.1
31/NA
mA
mA
mA
mA
mA
mA
The output power is delivered to a
50
Ω single-ended load.
See section 12.3 on page 25 for
more details.
Current consumption, crystal
oscillator
Current consumption, crystal
oscillator and bias
Current consumption, crystal
oscillator, bias and synthesizer
65
500
7.5
µA
µA
mA
14.7456 MHz, 16 pF load crystal
14.7456 MHz, 16 pF load crystal
14.7456 MHz, 16 pF load crystal
Table 7. Current consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com