Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTY1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTY1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTY1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC1070-RTY1 Datasheet HTML 9Page - Texas Instruments CC1070-RTY1 Datasheet HTML 10Page - Texas Instruments CC1070-RTY1 Datasheet HTML 11Page - Texas Instruments CC1070-RTY1 Datasheet HTML 12Page - Texas Instruments CC1070-RTY1 Datasheet HTML 13Page - Texas Instruments CC1070-RTY1 Datasheet HTML 14Page - Texas Instruments CC1070-RTY1 Datasheet HTML 15Page - Texas Instruments CC1070-RTY1 Datasheet HTML 16Page - Texas Instruments CC1070-RTY1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
CC1070
SWRS043
Page 13 of 58
6
Circuit Description
BIAS
DI
LOCK
PDO
DCLK
FREQ
SYNTH
DIGITAL
MODULATOR
- Modulation
- Data shaping
- Power Control
Power
Control
DIGITAL
INTERFACE
TO
µC
RF_OUT
R_BIAS
XOSC_Q1 XOSC_Q2
XOSC
VC
CHP_OUT
:2
:2
Multiplexer
PCLK
PDI
PSEL
Figure 2.
CC1070 simplified block diagram
A simplified block diagram of
CC1070 is
shown in Figure 2. Only signal pins are
shown.
During transmit operation, the synthesized
RF frequency is fed directly to the power
amplifier (PA). The RF output is frequency
shift keyed (FSK) by the digital bit stream
that is fed to the DI pin. Optionally, the
internal Gaussian filter can be enabled for
Gaussian FSK (GFSK).
The frequency synthesizer includes a
completely on-chip LC VCO. The VCO
operates in the frequency range 1.608-
1.880 GHz. The CHP_OUT pin is the
charge pump output and VC is the control
node of the on-chip VCO. The external
loop filter is placed between these pins. A
crystal is to be connected between
XOSC_Q1 and XOSC_Q2. A lock signal is
available from the PLL.
The 4-wire SPI serial interface is used for
configuration.
7
Application Circuit
Very
few
external
components
are
required for the operation of
CC1070. A
typical application circuit is shown in
Figure 3. The external components are
described in Table 9 and values are given
in Table 10.
Output matching
L2, C2 and C3 are used to match the
transmitter to 50
Ω. See section 13 on
page 26 for details. Component values for
the matching network are easily calculated
using the SmartRF® Studio software.
Bias resistor
The precision bias resistor R1 is used to
set an accurate bias current.
PLL loop filter
The loop filter consists of two resistors (R2
and R3) and three capacitors (C6-C8). C7
and C8 may be omitted in applications
where high loop bandwidth is desired. The
values shown in Table 10 can be used for
data rates up to 4.8 kBaud. Component
values for higher data rates are easily
found
using
the
SmartRF®
Studio
software.
Crystal
An external crystal with two loading
capacitors (C4 and C5) is used for the
crystal oscillator. See section 17 on page
34 for details.
Additional filtering
Additional external components (e.g. RF
LC or SAW filter) may be used in order to
improve the performance in specific
applications. See section 13 on page 26
for further information.
Power supply decoupling and filtering
Power supply decoupling and filtering
must be used (not shown in the
application circuit). The placement and
size of the decoupling capacitors and the
power supply filtering are very important to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com