Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTY1 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTY1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTY1 Datasheet(HTML) 27 Page - Texas Instruments

Back Button CC1070-RTY1 Datasheet HTML 23Page - Texas Instruments CC1070-RTY1 Datasheet HTML 24Page - Texas Instruments CC1070-RTY1 Datasheet HTML 25Page - Texas Instruments CC1070-RTY1 Datasheet HTML 26Page - Texas Instruments CC1070-RTY1 Datasheet HTML 27Page - Texas Instruments CC1070-RTY1 Datasheet HTML 28Page - Texas Instruments CC1070-RTY1 Datasheet HTML 29Page - Texas Instruments CC1070-RTY1 Datasheet HTML 30Page - Texas Instruments CC1070-RTY1 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
CC1070
SWRS043
Page 27 of 58
RF_OUT
ANTENNA
CC1070
L2
C3
AVDD=3V
C2
R6
C60
C71
L71
L72
RF_OUT
ANTENNA
CC1070
L2
C3
AVDD=3V
C2
R6
C60
C71
L71
L72
Figure 14. Output matching network
433 MHz
Figure 15. Typical optimum PA load impedance, 433 MHz. The frequency is swept from
300 MHz to 2500 MHz. Values are listed in Table 16
Frequency (MHz)
Real (Ohms)
Imaginary (Ohms)
433
91
16
866
80
-323
1299
1.1
-54
1732
0.4
-23
2165
1.3
-5.3
Table 16. Impedances at the first 5 harmonics (433 MHz matching network)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com