Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTY1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTY1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTY1 Datasheet(HTML) 1 Page - Texas Instruments

  CC1070-RTY1 Datasheet HTML 1Page - Texas Instruments CC1070-RTY1 Datasheet HTML 2Page - Texas Instruments CC1070-RTY1 Datasheet HTML 3Page - Texas Instruments CC1070-RTY1 Datasheet HTML 4Page - Texas Instruments CC1070-RTY1 Datasheet HTML 5Page - Texas Instruments CC1070-RTY1 Datasheet HTML 6Page - Texas Instruments CC1070-RTY1 Datasheet HTML 7Page - Texas Instruments CC1070-RTY1 Datasheet HTML 8Page - Texas Instruments CC1070-RTY1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
CC1070
SWRS043
Page 1 of 58
CC1070 Single Chip Low Power RF Transmitter for Narrowband Systems
Applications
• Narrowband low power UHF wireless
data transmitters
• 402 / 424 / 426 / 429 / 433 / 447 / 449 /
469 /
868 and 915 MHz ISM/SRD
band systems
• TPMS – Tire Pressure Monitoring
Systems
• AMR – Automatic Meter Reading
• Wireless alarm and security systems
• Home automation
• Low power telemetry
Product Description
CC1070 is a true single-chip UHF
transmitter designed for very low power
and very low voltage wireless applications.
The circuit is mainly intended for the ISM
(Industrial, Scientific and Medical) and
SRD (Short Range Device) frequency
bands at 402, 424, 426, 429, 433, 447,
449, 469, 868 and 915 MHz, but can
easily be programmed for multi-channel
operation at other frequencies in the 402 -
470 and 804 - 940 MHz range.
The
CC1070 is especially suited for narrow-
band systems with channel spacings of
12.5 or 25 kHz complying with ARIB STD
T-67 and EN 300 220.
The
CC1070 main operating parameters
can be programmed via a serial bus, thus
making
CC1070 a very flexible and easy to
use transmitter. In a typical application
CC1070 will be used together with a
microcontroller and a few external passive
components.
CC1070 is based on Chipcon’s SmartRF® -
02 technology in 0.35
µm CMOS.
Features
• True single chip UHF RF transmitter
• Frequency range 402 - 470 MHz and
804 - 940 MHz
• Programmable output power
• Low supply voltage (2.3 to 3.6 V)
• Very few external components required
• Small size (QFN 20 package)
• Pb-free package
• Data rate up to 153.6 kBaud
• OOK, FSK and GFSK data modulation
• Fully on-chip VCO
• Programmable
frequency
makes
crystal temperature drift compensation
possible without TCXO
• Suitable for frequency hopping systems
• Suited
for
systems
targeting
compliance with EN 300 220, FCC
CFR47 part 15 and ARIB STD T-67
• Development kit available
• Easy-to-use software for generating the
CC1070 configuration data


Similar Part No. - CC1070-RTY1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1070-RTY1 TI2-CC1070-RTY1 Datasheet
771Kb / 57P
Single Chip Low Power RF Transmitter for Narrowband Systems
More results

Similar Description - CC1070-RTY1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1020 TI-CC1020 Datasheet
970Kb / 91P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021 Datasheet
959Kb / 92P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020_12 Datasheet
1Mb / 96P
Low-Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021_12 Datasheet
1Mb / 94P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1070 TI-CC1070_12 Datasheet
1,008Kb / 57P
Single Chip Low Power RF Transmitter for Narrowband Systems
CC1175 TI-CC1175 Datasheet
875Kb / 22P
High Performance RF Transmitter for Narrowband Systems
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
Low-Power RF Transceiver for Narrowband Systems
CC1021RSSR TI-CC1021RSSR Datasheet
1Mb / 94P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1175RHBR TI-CC1175RHBR Datasheet
1Mb / 27P
High Performance RF Transmitter for Narrowband Systems
CC1021 TI1-CC1021_16 Datasheet
2Mb / 91P
Single Chip Low Power RF Transceiver for Narrowband Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com