Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTY1 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTY1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTY1 Datasheet(HTML) 35 Page - Texas Instruments

Back Button CC1070-RTY1 Datasheet HTML 31Page - Texas Instruments CC1070-RTY1 Datasheet HTML 32Page - Texas Instruments CC1070-RTY1 Datasheet HTML 33Page - Texas Instruments CC1070-RTY1 Datasheet HTML 34Page - Texas Instruments CC1070-RTY1 Datasheet HTML 35Page - Texas Instruments CC1070-RTY1 Datasheet HTML 36Page - Texas Instruments CC1070-RTY1 Datasheet HTML 37Page - Texas Instruments CC1070-RTY1 Datasheet HTML 38Page - Texas Instruments CC1070-RTY1 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
CC1070
SWRS043
Page 35 of 58
programming of the CLOCK_A, CLOCK_B
and MODEM registers.
An external clock signal or the internal
crystal oscillator can be used as main
frequency reference. An external clock
signal should be connected to XOSC_Q1,
while XOSC_Q2 should be left open. The
XOSC_BYPASS bit in the INTERFACE
register should be set to ‘1’ when an
external digital rail-to-rail clock signal is
used. No DC block should be used then. A
sine with smaller amplitude can also be
used. A DC blocking capacitor must then
be used (10 nF) and the XOSC_BYPASS
bit in the INTERFACE register should be
set to ‘0’. For input signal amplitude, see
section 4.2 on page 8.
Using the internal crystal oscillator, the
crystal must be connected between the
XOSC_Q1 and XOSC_Q2 pins. The
oscillator is designed for parallel mode
operation of the crystal. In addition,
loading capacitors (C4 and C5) for the
crystal are required. The loading capacitor
values
depend
on
the
total
load
capacitance, CL, specified for the crystal.
The total load capacitance seen between
the crystal terminals should equal CL for
the crystal to oscillate at the specified
frequency.
parasitic
L
C
C
C
C
+
+
=
5
4
1
1
1
The parasitic capacitance is constituted by
pin input capacitance and PCB stray
capacitance. Total parasitic capacitance is
typically 8 pF. A trimming capacitor may
be placed across C5 for initial tuning if
necessary.
The crystal oscillator circuit is shown in
Figure 20. Typical component values for
different values of CL are given in Table
21.
The
crystal
oscillator
is
amplitude
regulated. This means that a high current
is required to initiate the oscillations.
When the amplitude builds up, the current
is reduced to what is necessary to
maintain
approximately
600
mVpp
amplitude. This ensures a fast start-up,
keeps the drive level to a minimum and
makes the oscillator insensitive to ESR
variations. As long as the recommended
load capacitance values are used, the
ESR is not critical.
The initial tolerance, temperature drift,
aging and load pulling should be carefully
specified in order to meet the required
frequency
accuracy
in
a
certain
application.
XTAL
C5
C4
XOSC_Q1
XOSC_Q2
Figure 20. Crystal oscillator circuit
Item
CL= 12 pF
CL= 16 pF
CL= 22 pF
C4
6.8 pF
15 pF
27 pF
C5
6.8 pF
15 pF
27 pF
Table 21. Crystal oscillator component values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com