Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTY1 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTY1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTY1 Datasheet(HTML) 56 Page - Texas Instruments

Back Button CC1070-RTY1 Datasheet HTML 49Page - Texas Instruments CC1070-RTY1 Datasheet HTML 50Page - Texas Instruments CC1070-RTY1 Datasheet HTML 51Page - Texas Instruments CC1070-RTY1 Datasheet HTML 52Page - Texas Instruments CC1070-RTY1 Datasheet HTML 53Page - Texas Instruments CC1070-RTY1 Datasheet HTML 54Page - Texas Instruments CC1070-RTY1 Datasheet HTML 55Page - Texas Instruments CC1070-RTY1 Datasheet HTML 56Page - Texas Instruments CC1070-RTY1 Datasheet HTML 57Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
CC1070
SWRS043
Page 56 of 58
27 General Information
Document Revision History
Revision
Date
Description/Changes
1.0
2003-10-30
Initial release.
1.1
2005-02-09
The various sections have been reorganized to improve readability
Added chapter numbering
Reorganized electrical specification section
Electrical specifications updated
Changed “channel width” to “channel spacing”
Changes to current consumption figures in TX mode and crystal
oscillator, bias and synthesizer mode
Included data on PA_EN pin drive
Included data on PLL lock time
Included data on PLL turn-on time
Updates to section on output power programming
Updates to section on output matching
Updates to section on VCO and PLL self-calibration
Updates to section on VCO, charge pump and PLL loop filter
New bill of materials for operation at 433 MHz and 868/915 MHz
Added recommended PCB footprint for package (QFN 20)
Added list of abbreviations
Changes to ordering information
1.2
2005-10-20
Calibration routine flow chart changed
Added chapter on TX data latency
1.3
2006-02-01
Updates to Ordering Information and Address Information.
The lowest supply voltage has been changed from 2.1 V to 2.3 V
Product Status Definitions
Data Sheet Identification
Product Status
Definition
Advance Information
Planned or Under
Development
This data sheet contains the design specifications for
product development. Specifications may change in
any manner without notice.
Preliminary
Engineering Samples
and First Production
This data sheet contains preliminary data, and
supplementary data will be published at a later date.
Chipcon reserves the right to make changes at any
time without notice in order to improve design and
supply the best possible product.
No Identification Noted
Full Production
This data sheet contains the final specifications.
Chipcon reserves the right to make changes at any
time without notice in order to improve design and
supply the best possible product.
Obsolete
Not In Production
This data sheet contains specifications on a product
that has been discontinued by Chipcon. The data
sheet is printed for reference information only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com