Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTY1 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTY1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTY1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button CC1070-RTY1 Datasheet HTML 16Page - Texas Instruments CC1070-RTY1 Datasheet HTML 17Page - Texas Instruments CC1070-RTY1 Datasheet HTML 18Page - Texas Instruments CC1070-RTY1 Datasheet HTML 19Page - Texas Instruments CC1070-RTY1 Datasheet HTML 20Page - Texas Instruments CC1070-RTY1 Datasheet HTML 21Page - Texas Instruments CC1070-RTY1 Datasheet HTML 22Page - Texas Instruments CC1070-RTY1 Datasheet HTML 23Page - Texas Instruments CC1070-RTY1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
CC1070
SWRS043
Page 20 of 58
Parameter
Symbol
Min
Max
Unit
Conditions
PCLK, clock
frequency
FPCLK
10
MHz
PCLK low
pulse
duration
TCL,min
50
ns
The minimum time PCLK must be low.
PCLK high
pulse
duration
TCH,min
50
ns
The minimum time PCLK must be high.
PSEL setup
time
TSS
25
ns
The minimum time PSEL must be low before
positive edge of PCLK.
PSEL hold
time
THS
25
ns
The minimum time PSEL must be held low after
the negative edge of PCLK.
PSEL high
time
TSH
50
ns
The minimum time PSEL must be high.
PDI setup
time
TSD
25
ns
The minimum time data on PDI must be ready
before the positive edge of PCLK.
PDI hold time
THD
25
ns
The minimum time data must be held at PDI, after
the positive edge of PCLK.
Rise time
Trise
100
ns
The maximum rise time for PCLK and PSEL
Fall time
Tfall
100
ns
The maximum fall time for PCLK and PSEL
Note: The setup and hold times refer to 50% of VDD. The rise and fall times refer to 10% /
90% of VDD. The maximum load that this table is valid for is 20 pF.
Table 11. Serial interface, timing specification
9.2 Signal Interface
The
CC1070 can be used with NRZ (Non-
Return-to-Zero) data or Manchester (also
known as bi-phase-level) encoded data.
The data format is controlled by the
DATA_FORMAT[1:0] bits in the MODEM
register.
CC1070 can be configured for three
different data formats:
Synchronous NRZ mode
During transmit operation, the
CC1070
provides the data clock at DCLK and DI is
used as data input. Data is clocked into
CC1070 at the rising edge of DCLK. The
data is modulated at RF without encoding.
See Figure 8.
Synchronous
Manchester
encoded
mode
During transmit operation, the
CC1070
provides the data clock at DCLK and DI is
used as data input. Data is clocked into
CC1070 at the rising edge of DCLK and
should be in NRZ format. The data is
modulated at RF with Manchester code.
The encoding is done by
CC1070. In this
mode the effective bit rate is half the baud
rate due to the coding. As an example,
19.2 kBaud Manchester encoded data
corresponds to a 9.6 kbps. See Figure 9.
Transparent
Asynchronous
UART
mode
During transmit operation, DI is used as
data input. The data is modulated at RF
without synchronization or encoding. In
this mode, the DCLK pin is not active and
can be set to a high or low level by
DATA_FORMAT[0]. See Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com