Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTY1 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTY1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTY1 Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC1070-RTY1 Datasheet HTML 20Page - Texas Instruments CC1070-RTY1 Datasheet HTML 21Page - Texas Instruments CC1070-RTY1 Datasheet HTML 22Page - Texas Instruments CC1070-RTY1 Datasheet HTML 23Page - Texas Instruments CC1070-RTY1 Datasheet HTML 24Page - Texas Instruments CC1070-RTY1 Datasheet HTML 25Page - Texas Instruments CC1070-RTY1 Datasheet HTML 26Page - Texas Instruments CC1070-RTY1 Datasheet HTML 27Page - Texas Instruments CC1070-RTY1 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
CC1070
SWRS043
Page 24 of 58
FSK frequency deviation is programmed in
the DEVIATION register. The deviation
programming is divided into a mantissa
(TXDEV_M[3:0])
and
an
exponent
(TXDEV_X[2:0]).
Generally REF_DIV should be as low as
possible but the following requirements
must be met
[]
MHz
f
f
c
ref
256
8304
.
9
>
in the frequency band 402 – 470 MHz, and
[]
MHz
f
f
c
ref
512
8304
.
9
>
in the frequency band 804 – 940 MHz.
The PLL output frequency equation above
gives the carrier frequency, fc , in transmit
mode (center frequency). The two FSK
modulation frequencies are given by:
f0 = fc − fdev
f1 = fc + fdev
where fdev is set by the DEVIATION
register:
)
16
_
(
2
_
=
X
TXDEV
ref
dev
M
TXDEV
f
f
in the frequency band 402 - 470 MHz, and
)
15
_
(
2
_
=
X
TXDEV
ref
dev
M
TXDEV
f
f
in the frequency band 804 - 940 MHz.
OOK
(On-Off
Keying)
is
used
if
TXDEV_M[3:0] = 0000.
The TX_SHAPING bit in the DEVIATION
register controls Gaussian shaping of the
modulation signal.
11.1 Dithering
Spurious signals will occur at certain
frequencies depending on the division
ratios in the PLL. To reduce the strength of
these spurs, a common technique is to
use a dithering signal in the control of the
frequency dividers. Dithering is activated
by setting the DITHER bit in the FREQ_0
registers. It is recommended to use the
dithering in order to achieve the best
possible performance.
12 Transmitter
12.1 FSK Modulation Formats
The data modulator can modulate FSK,
which is a two level FSK (Frequency Shift
Keying), or GFSK, which is a Gaussian
filtered FSK with BT = 0.5. The purpose of
the GFSK is to make a more bandwidth
efficient system. The modulation and the
Gaussian filtering are done internally in the
chip. The
TX_SHAPING bit in the
DEVIATION register enables the GFSK.
GFSK is recommended for narrowband
operation.
12.2 OOK Modulation
The data modulator can also do OOK (On-
Off Keying) modulation. OOK is an ASK
(Amplitude Shift Keying) modulation using
100% modulation depth.
OOK modulation is enabled by setting
TXDEV_M[3:0] = 0000 in the DEVIATION
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com