Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTY1 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTY1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTY1 Datasheet(HTML) 38 Page - Texas Instruments

Back Button CC1070-RTY1 Datasheet HTML 34Page - Texas Instruments CC1070-RTY1 Datasheet HTML 35Page - Texas Instruments CC1070-RTY1 Datasheet HTML 36Page - Texas Instruments CC1070-RTY1 Datasheet HTML 37Page - Texas Instruments CC1070-RTY1 Datasheet HTML 38Page - Texas Instruments CC1070-RTY1 Datasheet HTML 39Page - Texas Instruments CC1070-RTY1 Datasheet HTML 40Page - Texas Instruments CC1070-RTY1 Datasheet HTML 41Page - Texas Instruments CC1070-RTY1 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
CC1070
SWRS043
Page 38 of 58
to Application Note AN027 Temperature
Compensation available from the Chipcon
web site.
In less demanding applications, a crystal
with low temperature drift and low aging
could
be
used
without
further
compensation. A trimmer capacitor in the
crystal oscillator circuit (in parallel with C5)
could be used to set the initial frequency
accurately.
CC1070 also has the possibility to use
Gaussian shaped FSK (GFSK). This
spectrum-shaping
feature
improves
adjacent
channel
power
(ACP)
and
occupied bandwidth. In ‘true’ FSK systems
with
abrupt
frequency
shifting,
the
spectrum is inherently broad. By making
the frequency shift ‘softer’, the spectrum
can be made significantly narrower. Thus,
higher data rates can be transmitted in the
same bandwidth using GFSK.
Low cost systems
As the
CC1070 provide true narrowband
multi-channel performance without any
external filters, a very low cost high
performance system can be achieved.
The oscillator crystal can then be a low
cost crystal with 50 ppm frequency
tolerance using the on-chip frequency
tuning possibilities.
Battery operated systems
In low power applications the power down
mode should be used when
CC1070 is not
being active. Depending on the start-up
time requirement the oscillator core can be
powered during power down. See section
16 on page 33 for information on how
effective power management can be
implemented.
Frequency hopping spread spectrum
systems (FHSS)
Due to the very fast locking properties of
the PLL, the
CC1070 is also very suitable
for frequency hopping systems. Hop rates
of 1-100 hops/s are commonly used
depending on the bit rate and the amount
of
data
to
be
sent
during
each
transmission. The two frequency registers
(FREQ_A and FREQ_B) are designed
such that the ‘next’ frequency can be
programmed while the ‘present’ frequency
is used. The switching between the two
frequencies is performed through use of
the MAIN register. For more details refer
to Application Note AN014 Frequency
Hopping Systems available from the
Chipcon web site.
In order to implement a frequency hopping
system with
CC1070 do the following:
Set the desired frequency, calibrate and
store the following register settings in non-
volatile memory:
STATUS1[3:0]: CHP_CURRENT[3:0]
STATUS2[4:0]: VCO_ARRAY[4:0]
STATUS3[5:0]:VCO_CAL_CURRENT[5:0]
Repeat the calibration for each desired
frequency. VCO_CAL_CURRENT[5:0] is
not dependent on the RF frequency and
the same value can be used for all
frequencies.
When performing frequency hopping, write
the stored values to the corresponding
TEST1, TEST2 and TEST3 registers, and
enable override:
TEST1[3:0]: CHP_CO[3:0]
TEST2[4:0]: VCO_AO[4:0]
TEST2[5]: VCO_OVERRIDE
TEST2[6]: CHP_OVERRIDE
TEST3[5:0]: VCO_CO[5:0]
TEST3[6]: VCO_CAL_OVERRIDE
CHP_CO[3:0] is the register setting read
from CHP_CURRENT[3:0], VCO_AO[4:0]
is
the register setting read from
VCO_ARRAY[4:0] and VCO_CO[5:0] is
the
register
setting
read
from
VCO_CAL_CURRENT[5:0].
Assume channel 1 defined by register
FREQ_A is currently being used and that
CC1070 should operate on channel 2 next
(to change channel simply write to register
MAIN[6]). The channel 2 frequency can be
set by register FREQ_B which can be
written to while operating on channel 1.
The calibration data must be written to the
TEST1-3 registers after switching to the
next frequency. That is, when hopping to a
new channel write to register MAIN[6] first
and the test registers next. The PA should
be switched off between each hop and the
PLL should be checked for lock before



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com