Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTY1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTY1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTY1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC1070-RTY1 Datasheet HTML 5Page - Texas Instruments CC1070-RTY1 Datasheet HTML 6Page - Texas Instruments CC1070-RTY1 Datasheet HTML 7Page - Texas Instruments CC1070-RTY1 Datasheet HTML 8Page - Texas Instruments CC1070-RTY1 Datasheet HTML 9Page - Texas Instruments CC1070-RTY1 Datasheet HTML 10Page - Texas Instruments CC1070-RTY1 Datasheet HTML 11Page - Texas Instruments CC1070-RTY1 Datasheet HTML 12Page - Texas Instruments CC1070-RTY1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
CC1070
SWRS043
Page 9 of 58
4.3 Frequency Synthesizer Section
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Phase noise, 402 – 470 MHz
12.5 kHz channel spacing
−87
−95
−100
−105
−114
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
Unmodulated carrier
At 12.5 kHz offset from carrier
At 25 kHz offset from carrier
At 50 kHz offset from carrier
At 100 kHz offset from carrier
At 1 MHz offset from carrier
Measured using loop filter
components given in Table 10.
The phase noise will be higher for
larger PLL loop filter bandwidth.
Phase noise, 804 - 940 MHz
25 kHz channel spacing
−81
−89
−96
−103
−122
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
Unmodulated carrier
At 12.5 kHz offset from carrier
At 25 kHz offset from carrier
At 50 kHz offset from carrier
At 100 kHz offset from carrier
At 1 MHz offset from carrier
Measured using loop filter
components given in Table 10.
The phase noise will be higher for
larger PLL loop filter bandwidth.
PLL loop bandwidth
12.5 kHz channel spacing, 433 MHz
25 kHz channel spacing, 868 MHz
5
7
kHz
kHz
After PLL and VCO calibration.
The PLL loop bandwidth is
programmable
PLL lock time (TX_1 / TX_2 turn
time)
12.5 kHz channel spacing, 433 MHz
25 kHz channel spacing, 868 MHz
500 kHz channel spacing
180
270
14
us
us
us
One channel frequency step to
RF frequency within ±10% of
channel spacing. Depends on
loop filter component values and
PLL_BW register setting. See
Table 20 on page 32 for more
details.
PLL turn-on time. From power
down mode with crystal oscillator
running.
12.5 kHz channel spacing, 433 MHz
25 kHz channel spacing, 868 MHz
500 kHz channel spacing
3.2
2.5
700
ms
ms
us
Time from writing to registers to
RF frequency within ±10% of
channel spacing. Depends on
loop filter component values and
PLL_BW register setting. See
Table 19 on page 32 for more
details.
Table 5. Frequency synthesizer parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com