Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTY1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTY1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTY1 Datasheet(HTML) 5 Page - Texas Instruments

  CC1070-RTY1 Datasheet HTML 1Page - Texas Instruments CC1070-RTY1 Datasheet HTML 2Page - Texas Instruments CC1070-RTY1 Datasheet HTML 3Page - Texas Instruments CC1070-RTY1 Datasheet HTML 4Page - Texas Instruments CC1070-RTY1 Datasheet HTML 5Page - Texas Instruments CC1070-RTY1 Datasheet HTML 6Page - Texas Instruments CC1070-RTY1 Datasheet HTML 7Page - Texas Instruments CC1070-RTY1 Datasheet HTML 8Page - Texas Instruments CC1070-RTY1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
CC1070
SWRS043
Page 5 of 58
2
Absolute Maximum Ratings
The absolute maximum ratings given Table 1 should under no circumstances be violated.
Stress exceeding one or more of the limiting values may cause permanent damage to the
device.
Parameter
Min
Max
Unit
Condition
Supply voltage, VDD
-0.3
5.0
V
All supply pins must have the
same voltage
Voltage on any pin
-0.3
VDD+0.3, max 5.0
V
Storage temperature range
-50
150
°C
Package body temperature
260
°C
Norm: IPC/JEDEC J-STD-020C
1
Humidity non-condensing
5
85
%
Table 1. Absolute maximum ratings
1 The reflow peak soldering temperature (body temperature) is specified according to
IPC/JEDEC J-STD-020C “Moisture/Reflow Sensitivity Classification for Nonhermetic Solid
State Surface Mount Devices”.
Caution!
ESD sensitive device.
Precaution should be used when handling
the device in order to prevent permanent
damage.
3
Operating Conditions
The operating conditions for
CC1070 are listed in Table 2.
Parameter
Min
Typ
Max
Unit
Condition / Note
RF Frequency Range
402
804
470
940
MHz
MHz
Programmable in <300 Hz steps
Programmable in <600 Hz steps
Operating ambient temperature range
-40
105
°C
Supply voltage
2.3
3.0
3.6
V
The same supply voltage should
be used for digital (DVDD) and
analog (AVDD) power.
A 3.0 ±0.1 V supply is
recommended to meet the ARIB
STD T-67 output power tolerance
requirement.
Table 2. Operating conditions
4
Electrical Specifications
Table 3 to Table 7 gives the
CC1070 electrical specifications. All measurements were
performed using the 2 layer PCB CC1070EM reference design. This is the same test circuit
as shown in Figure 3. Temperature = 25
°C, supply voltage = AVDD = DVDD = 3.0 V if
nothing else stated. Crystal frequency = 14.7456 MHz.
The electrical specifications given for 868 MHz are also applicable for the 902 – 928 MHz
frequency range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com