Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTY1 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTY1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTY1 Datasheet(HTML) 36 Page - Texas Instruments

Back Button CC1070-RTY1 Datasheet HTML 32Page - Texas Instruments CC1070-RTY1 Datasheet HTML 33Page - Texas Instruments CC1070-RTY1 Datasheet HTML 34Page - Texas Instruments CC1070-RTY1 Datasheet HTML 35Page - Texas Instruments CC1070-RTY1 Datasheet HTML 36Page - Texas Instruments CC1070-RTY1 Datasheet HTML 37Page - Texas Instruments CC1070-RTY1 Datasheet HTML 38Page - Texas Instruments CC1070-RTY1 Datasheet HTML 39Page - Texas Instruments CC1070-RTY1 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
CC1070
SWRS043
Page 36 of 58
18 Built-in Test Pattern Generator
The
CC1070 has a built-in test pattern
generator that generates a PN9 pseudo
random sequence. The PN9_ENABLE bit
in the MODEM register enables the PN9
generator. A transition on the DI pin is
required after enabling the PN9 pseudo
random sequence.
The PN9 pseudo random sequence is
defined by the polynomial x
9 + x5 + 1.
The PN9 generator can be used for
transmission of ‘real-life’ data when
measuring narrowband ACP (Adjacent
Channel Power), modulation bandwidth or
occupied bandwidth.
19 Interrupt upon PLL Lock
In synchronous mode the DCLK pin on
CC1070 can be used to give an interrupt
signal to wake the microcontroller when
the PLL is locked.
PD_MODE[1:0] in the MAIN register
should be set to 01. If DCLK_LOCK in the
INTERFACE register is set to 1 the DCLK
signal is always logic high if the PLL is not
in lock. When the PLL locks to the desired
frequency the DCLK signal changes to
logic 0. When this interrupt has been
detected write PD_MODE[1:0] = 00. This
will enable the DCLK signal.
This function can be used to wait for the
PLL to be locked before the PA is ramped
up.
20 PA_EN Digital Output Pin
20.1 Interfacing an External PA
CC1070 has a digital output pin, PA_EN,
which can be used to control an external
PA. The functionality of this pin is
controlled
through
the
INTERFACE
register. The output can also be used as a
general digital output control signal.
EXT_PA_POL controls the active polarity
of the signal.
EXT_PA controls the function of the pin. If
EXT_PA = 1, then the PA_EN pin will be
activated when the internal PA is turned
on. Otherwise, the EXT_PA_POL bit
controls the PA_EN pin directly.
This pin can therefore also be used as a
general control signal, see section 20.2.
20.2 General Purpose Output Control Pins
The digital output pin, PA_EN, can be
used as a general control signal by setting
EXT_PA = 0. The output value is then set
directly
by
the
value
written
to
EXT_PA_POL.
The LOCK pin can also be used as a
general-purpose output pin. The LOCK pin
is controlled by LOCK_SELECT[3:0] in the
LOCK register. The LOCK pin is low when
LOCK_SELECT[3:0] = 0000, and high
when LOCK_SELECT[3:0] = 0001.
These features can be used to save I/O
pins on the microcontroller when the other
functions associated with these pins are
not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com