Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTY1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTY1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTY1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC1070-RTY1 Datasheet HTML 4Page - Texas Instruments CC1070-RTY1 Datasheet HTML 5Page - Texas Instruments CC1070-RTY1 Datasheet HTML 6Page - Texas Instruments CC1070-RTY1 Datasheet HTML 7Page - Texas Instruments CC1070-RTY1 Datasheet HTML 8Page - Texas Instruments CC1070-RTY1 Datasheet HTML 9Page - Texas Instruments CC1070-RTY1 Datasheet HTML 10Page - Texas Instruments CC1070-RTY1 Datasheet HTML 11Page - Texas Instruments CC1070-RTY1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
CC1070
SWRS043
Page 8 of 58
4.2 Crystal Oscillator Section
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Crystal Oscillator Frequency
4.9152
14.7456
19.6608
MHz
Crystal operation
Parallel
C4 and C5 are loading
capacitors. See section 17 on
page 34 for details.
Crystal load capacitance
12
12
12
22
16
16
30
30
16
pF
pF
pF
4-6 MHz, 22 pF recommended
6-8 MHz, 16 pF recommended
8-20 MHz, 16 pF recommended
Crystal oscillator start-up time
1.55
0.90
0.95
0.63
ms
ms
ms
ms
4.9152 MHz, 12 pF load
9.8304 MHz, 12 pF load
14.7456 MHz, 16 pF load
19.6608 MHz, 12 pF load
External clock signal drive,
sine wave
300
mVpp
The external clock signal must be
connected to XOSC_Q1 using a
DC block (10 nF). Set
XOSC_BYPASS = 0 in the
INTERFACE register when using
an external clock signal with low
amplitude or a crystal.
External clock signal drive,
full-swing digital external clock
0 - VDD
V
The external clock signal must be
connected to XOSC_Q1. No DC
block shall be used. Set
XOSC_BYPASS = 1 in the
INTERFACE register when using
a full-swing digital external clock
Reference frequency accuracy
requirement
+/- 5.7
+/- 2.8
+/- 4
+/- 7
ppm
ppm
ppm
ppm
433 MHz (EN 300 220)
868 MHz (EN 300 220)
Must be less than ±5.7 / ±2.8
ppm to comply with EN 300 220
25 kHz channel spacing at
433/868 MHz.
Must be less than ±4 ppm to
comply with Japanese 12.5 kHz
channel spacing regulations
(ARIB STD T-67). NOTE: This
imposes special requirements on
the receiver of the signal.
Must be less than ±7 ppm to
comply with Korean 12.5 kHz
channel spacing regulations.
NOTE: This imposes special
requirements on the receiver of
the signal.
NOTE:
The reference frequency
accuracy (initial tolerance) and
drift (aging and temperature
dependency) will determine the
frequency accuracy of the
transmitted signal.
Crystal oscillator temperature
compensation can be done using
the fine frequency
programmability.
Table 4. Crystal oscillator parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com