Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTY1 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTY1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTY1 Datasheet(HTML) 43 Page - Texas Instruments

Back Button CC1070-RTY1 Datasheet HTML 39Page - Texas Instruments CC1070-RTY1 Datasheet HTML 40Page - Texas Instruments CC1070-RTY1 Datasheet HTML 41Page - Texas Instruments CC1070-RTY1 Datasheet HTML 42Page - Texas Instruments CC1070-RTY1 Datasheet HTML 43Page - Texas Instruments CC1070-RTY1 Datasheet HTML 44Page - Texas Instruments CC1070-RTY1 Datasheet HTML 45Page - Texas Instruments CC1070-RTY1 Datasheet HTML 46Page - Texas Instruments CC1070-RTY1 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
CC1070
SWRS043
Page 43 of 58
FREQ_2A Register (04h)
REGISTER
NAME
Default
value
Active
Description
FREQ_2A[7:0]
FREQ_A[22:15]
131
-
8 MSB of frequency control word A
FREQ_1A Register (05h)
REGISTER
NAME
Default
value
Active
Description
FREQ_1A[7:0]
FREQ_A[14:7]
177
-
Bit 15 to 8 of frequency control word A
FREQ_0A Register (06h)
REGISTER
NAME
Default
value
Active
Description
FREQ_0A[7:1]
FREQ_A[6:0]
124
-
7 LSB of frequency control word A
FREQ_0A[0]
DITHER_A
1
H
Enable dithering for frequency A
CLOCK_A Register (07h)
REGISTER
NAME
Default
value
Active
Description
CLOCK_A[7:5]
REF_DIV_A[2:0]
2
-
Reference frequency divisor (A):
0: Not supported
1: REF_CLK frequency = Crystal frequency / 2
7: REF_CLK frequency = Crystal frequency / 8
It is recommended to use the highest possible reference
clock frequency that allows the desired Baud rate.
CLOCK_A[4:2]
MCLK_DIV1_A[2:0]
4
-
Modem clock divider 1 (A):
0: Divide by 2.5
1: Divide by 3
2: Divide by 4
3: Divide by 7.5 (2.5·3)
4: Divide by 12.5 (2.5·5)
5: Divide by 40 (2.5·16)
6: Divide by 48 (3·16)
7: Divide by 64 (4·16)
CLOCK_A[1:0]
MCLK_DIV2_A[1:0]
0
-
Modem clock divider 2 (A):
0: Divide by 1
1: Divide by 2
2: Divide by 4
3: Divide by 8
MODEM_CLK frequency is FREF frequency divided by
the product of divider 1 and divider 2.
Baud rate is MODEM_CLK frequency divided by 8.
FREQ_2B Register (08h)
REGISTER
NAME
Default
value
Active
Description
FREQ_2B[7:0]
FREQ_B[22:15]
131
-
8 MSB of frequency control word B
FREQ_1B Register (09h)
REGISTER
NAME
Default
value
Active
Description
FREQ_1B[7:0]
FREQ_B[14:7]
189
-
Bit 15 to 8 of frequency control word B
FREQ_0B Register (0Ah)
REGISTER
NAME
Default
value
Active
Description
FREQ_0B[7:1]
FREQ_B[6:0]
124
-
7 LSB of frequency control word B
FREQ_0B[0]
DITHER_B
1
H
Enable dithering for frequency B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com