Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTY1 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTY1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTY1 Datasheet(HTML) 33 Page - Texas Instruments

Back Button CC1070-RTY1 Datasheet HTML 29Page - Texas Instruments CC1070-RTY1 Datasheet HTML 30Page - Texas Instruments CC1070-RTY1 Datasheet HTML 31Page - Texas Instruments CC1070-RTY1 Datasheet HTML 32Page - Texas Instruments CC1070-RTY1 Datasheet HTML 33Page - Texas Instruments CC1070-RTY1 Datasheet HTML 34Page - Texas Instruments CC1070-RTY1 Datasheet HTML 35Page - Texas Instruments CC1070-RTY1 Datasheet HTML 36Page - Texas Instruments CC1070-RTY1 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
CC1070
SWRS043
Page 33 of 58
16 Power Management
CC1070 offers great flexibility for power
management in order to meet strict power
consumption requirements in battery-
operated applications. Power down mode
is controlled through the MAIN register.
There are separate bits to control the TX
part, the frequency synthesizer and the
crystal oscillator in the MAIN register. This
individual control can be used to optimize
for lowest possible current consumption in
each application. Figure 18 shows a
typical
power-on
and
initializing
sequences
for
minimum
power
consumption.
Figure 19 shows a typical sequence for
activating TX mode from power down
mode for minimum power consumption.
Note that PSEL should be tri-stated or set
to a high level during power down mode in
order to prevent a trickle current from
flowing in the internal pull-up resistor.
Chipcon recommends resetting the
CC1070
(by clearing the RESET_N bit in the MAIN
register) when the chip is powered up
initially. All registers that need to be
configured should then be programmed
(those which differ from their default
values). Registers can be programmed
freely in any order. The
CC1070 should then
be calibrated. After this is completed, the
CC1070 is ready for use. See the detailed
procedure flowcharts in Figure 17 - Figure
19.
Application Note AN023 CC1020 MCU
Interfacing provides source code for
CC1020. This source code can be used as
a starting point when writing source code
for
CC1070 .
Power Down mode
Power Off
Reset CC1070
MAIN:
PD_MODE = 1, FS_PD = 1,
XOSC_PD = 1, BIAS_PD = 1,
RESET_N = 0
Calibrate VCO and PLL
MAIN: PD_MODE = 1,
FS_PD = 1, XOSC_PD = 1,
BIAS_PD = 1
PA_POWER = 00h
R
MAIN: FREG = 0
:
,
1,
Program all necessary registers
except MAIN and RESET
MAIN: RESET_N = 1
Turn on crystal oscillator, bias
generator and synthesizer
successively
Turn on power
Power Down mode
Power Off
Power Off
Reset CC1070
MAIN:
PD_MODE = 1, FS_PD = 1,
XOSC_PD = 1, BIAS_PD = 1,
RESET_N = 0
Calibrate VCO and PLL
MAIN: PD_MODE = 1,
FS_PD = 1, XOSC_PD = 1,
BIAS_PD = 1
PA_POWER = 00h
R
MAIN: FREG = 0
:
,
1,
Program all necessary registers
except MAIN and RESET
MAIN: RESET_N = 1
Turn on crystal oscillator, bias
generator and synthesizer
successively
Turn on power
Figure 18. Initializing sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com