Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTY1 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTY1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTY1 Datasheet(HTML) 34 Page - Texas Instruments

Back Button CC1070-RTY1 Datasheet HTML 30Page - Texas Instruments CC1070-RTY1 Datasheet HTML 31Page - Texas Instruments CC1070-RTY1 Datasheet HTML 32Page - Texas Instruments CC1070-RTY1 Datasheet HTML 33Page - Texas Instruments CC1070-RTY1 Datasheet HTML 34Page - Texas Instruments CC1070-RTY1 Datasheet HTML 35Page - Texas Instruments CC1070-RTY1 Datasheet HTML 36Page - Texas Instruments CC1070-RTY1 Datasheet HTML 37Page - Texas Instruments CC1070-RTY1 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
CC1070
SWRS043
Page 34 of 58
Power Down mode
*Time to wait depends
on the crystal frequency
and the load capacitance
TX mode
Power Down mode
Turn on frequency synthesizer
MAIN: F_REG=1, FS_PD=0
Wait until lock is detected from LOCK
pin or STATUS register
Turn off TX:
MAIN: PD_MODE = 1, FS_PD=1,
XOSC_PD=1, BIAS_PD=1
Turn on TX:
MAIN: PD_MODE = 0
Wait 100
µs then set PA_POWER
Turn on bias generator
MAIN: BIAS_PD = 0
Wait 150
µs
Turn on crystal oscillator core
MAIN: PD_MODE=1, FS_PD=1,
XOSC_PD=0, BIAS_PD=1
PA_POWER: 00h
Wait 1.2 ms*
Set PA_POWER = 00h
Wait 100
µs
Power Down mode
Power Down mode
*Time to wait depends
on the crystal frequency
and the load capacitance
TX mode
TX mode
Power Down mode
Power Down mode
Turn on frequency synthesizer
MAIN: F_REG=1, FS_PD=0
Wait until lock is detected from LOCK
pin or STATUS register
Turn off TX:
MAIN: PD_MODE = 1, FS_PD=1,
XOSC_PD=1, BIAS_PD=1
Turn on TX:
MAIN: PD_MODE = 0
Wait 100
µs then set PA_POWER
Turn on bias generator
MAIN: BIAS_PD = 0
Wait 150
µs
Turn on crystal oscillator core
MAIN: PD_MODE=1, FS_PD=1,
XOSC_PD=0, BIAS_PD=1
PA_POWER: 00h
Wait 1.2 ms*
Set PA_POWER = 00h
Wait 100
µs
Figure 19. Sequence for activating TX mode
17 Crystal Oscillator
Any crystal frequency in the range 4 - 20
MHz can be used. The crystal frequency is
used as reference for the data rate (as
well as other internal functions) and in the
4 – 20 MHz range the frequencies 4.9152,
7.3728,
9.8304,
12.2880,
14.7456,
17.2032, 19.6608 MHz will give accurate
data rates as shown in Table 14. The
crystal
frequency
will
influence
the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com