Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 2Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 3Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 4Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 5Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 6Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 7Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 8Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 9Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 121 page
background image
B7A
B7A
4
CQM1 B7A Interface Units
Note:
Use combinations of B7A Interface Units and B7A LInk Terminals with the same I/O delay time. The I/O delay time (high speed:
typically 3 ms; normal speed: typically 19.2 ms) can be switched for B7A Interface Units and 32-point B7A screw terminal models
using a selection switch. Set the same I/O delay time for connected Units.
16-point Input (Transmission)
Models
CQM1 Series
16-point Output
(Reception) Models
Screw terminal model
(32 points)
Screw terminal model
(16 output points)
Modular model (16 points)
B7A
Hybrid IC model (16 points)
B7AH
PLC connector model
(16 points)
B7A
PLC connector model
(32 points)
B7A
Input/output model
CQM1-B7A21
(16 input and 16 output points)
Input model
Output model
CQM1-B7A13 (32 inputs)
CQM1-B7A12 (16 inputs)
CQM1-B7A03 (32 outputs)
CQM1-B7A02 (16 outputs)
Note:
Two 16-type models can be used to connect
to 32-point models.
Screw terminal model
(16 points)
B7A
B7AS
Relay-mounted screw terminal
model (16 points)
G70D-R6
jj1-B7A
Note:
Only the normal I/O delay
time (typically 19.2 ms) is
available.
Modular model (16 points)
B7A
Hybrid IC model (16 points)
B7AH
PLC connector model
(16 points)
B7A
PLC connector model
(32 points)
B7A
B7A
B7AS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com