Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 49 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 49 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 45Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 46Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 47Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 48Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 49Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 50Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 51Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 52Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 53Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 121 page
background image
G70D-B7A
G70D-B7A
47
Contact Ratings (for each G6D Relay)
Load
Resistive load (cos
φ = 1)
Rated load
250 VAC 3 A, 30 VDC 3 A
Rated carry current
3 A
Maximum switching voltage
250 VAC, 30 VDC
Maximum switching current
3 A
Maximum switching capacity
(reference value)
750 VA, 90 W
Minimum permissible load
(reference value; see note 2)
5 VDC, 10 mA
Electrical life
100,000 operations min. (at the rated load and a switching frequency of 1,800 operations/hour)
Mechanical life
20,000,000 operations min. (at a switching frequency of 18,000 operations/hour)
Note:
1. The maximum carry current for output power supply common terminals (B0 to B6) is 3 A.
2. This value fulfills the P reference value for switching at a frequency of 120 times per minute (ambient operating environment and
determination criteria according to JIS C5442).
Power MOS FET Relay Specifications
The following specifications are for the G3DZ when it is mounted on the G70D. They are not the specifications for the G3DZ by itself.
Input (for each G3DZ Power MOS FET Relay)
Rated voltage
Operating voltage
Must-operate
voltage level
Must-release
voltage level
Input impedance
Rated current
24 VDC
19.2 to 28.8 VDC
19.2 VDC max.
1 VDC max.
4 k
Ω ±20%
8.2 mA
±20%
Note:
The rated current includes the Link Terminal’s LED current.
Output (for each G3DZ Power MOS FET Relay)
Load voltage
Load current
Inrush current
3 to 264 VAC
3 to 125 VDC
100
µΑ to 0.3 A
6 A (10 ms)
Engineering Data
The following data was obtained from measurements of samples taken from the production line. Relays are mass produced and performance
characteristics will differ from product to product. Therefore, use the following data as reference only.
G6D-1A (24 VDC) (Power Relay Mounted to G70D-R6R
j1-B7A)
Life Expectancy
Maximum Switching Capacity
Note:
The above graph shows the characteris-
tics for the Relay when it is mounted to
the G70D.
Note:
The above graph shows the characteris-
tics for the Relay when it is mounted to
the G70D.
250 VAC, 30 VDC resistive load
250 VAC, 30 VDC inductive load
(cos
φ = 0.4, L/R = 7 ms)
Switching current (A)
DC resistive load
AC resistive load
DC inductive load
AC inductive load
(cos
φ = 0.4)
Switching voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com