Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 38 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 38 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 34Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 35Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 36Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 37Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 38Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 39Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 40Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 41Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 42Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 121 page
background image
B7A
B7A
36
Operation
Power Supply
16-point Terminal Models
I/O Delay: Normal Speed
Connection of Independent Power Supplies
Note:
A VCTF cable with a thickness of
0.75 mm2 min. must be used for
signal transmission.
SIG
– SIG
+
–+
ERR
DC power
supply
+
DC power
supply
+
Transmission distance
500 m max.
(12 to 24 V)
(12 to 24 V)
SIG
Input
Output
Connection of Single Power Supply to Input or Output Terminal
Note:
In this example, a VCTF trans-
mission cable with a thickness of
0.75 mm2 min. is used, through
which a current of 1.8 A max.
can be transmitted.
DC power
supply
+
SIG
+
Transmission distance
100 m max.
(24 V)
SIG
–+
ERR
SIG
–+
Input
Output
I/O Delay: High Speed
Connection of Independent Power Supplies
Note:
A shielded cable with a thickness of
0.75 mm2 min. must be used for
signal transmission. It is recom-
mended that the shield be
grounded.
DC power
supply
+
SIG
Transmission distance
100 m max.
(12 to 24 V)
DC power
supply
+
(12 to 24 V)
SIG
–+
ERR
SIG
–+
GND
Shielded cable
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com